Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22920 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS22920
Description  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS22920 Datasheet HTML 7Page - Texas Instruments TPS22920 Datasheet HTML 8Page - Texas Instruments TPS22920 Datasheet HTML 9Page - Texas Instruments TPS22920 Datasheet HTML 10Page - Texas Instruments TPS22920 Datasheet HTML 11Page - Texas Instruments TPS22920 Datasheet HTML 12Page - Texas Instruments TPS22920 Datasheet HTML 13Page - Texas Instruments TPS22920 Datasheet HTML 14Page - Texas Instruments TPS22920 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TPS22920
www.ti.com
SLVSAY8A – JUNE 2011 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
TURN-ON RESPONSE
TURN-OFF RESPONSE
VIN = 0.9V, TA = 25°C, CIN = 1µF, CL = 0.1µF, RL = 10Ω
VIN = 0.9V, TA = 25°C, CIN = 1µF, CL =0.1µF, RL = 10Ω
Figure 19.
Figure 20.
TURN-ON RESPONSE
TURN-OFF RESPONSE
VIN = 0.9V, TA = 25°C, CIN = 47µF, CL = 20µF, RL = 10Ω
VIN = 0.9V, TA = 25°C, CIN = 47µF, CL = 20µF, RL = 10Ω
Figure 21.
Figure 22.
TURN-ON RESPONSE
TURN-OFF RESPONSE
VIN = 3.6V, TA = 25°C, CIN = 1µF, CL =0.1µF, RL = 10Ω
VIN = 3.6V, TA = 25°C, CIN = 1µF, CL = 0.1µF, RL = 10Ω
Figure 23.
Figure 24.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22920


Numéro de pièce similaire - TPS22920

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22920LYZPT TI1-TPS22920LYZPT Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results

Description similaire - TPS22920

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com