Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22920 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS22920
Description  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS22920_14 Datasheet HTML 1Page - Texas Instruments TPS22920_14 Datasheet HTML 2Page - Texas Instruments TPS22920_14 Datasheet HTML 3Page - Texas Instruments TPS22920_14 Datasheet HTML 4Page - Texas Instruments TPS22920_14 Datasheet HTML 5Page - Texas Instruments TPS22920_14 Datasheet HTML 6Page - Texas Instruments TPS22920_14 Datasheet HTML 7Page - Texas Instruments TPS22920_14 Datasheet HTML 8Page - Texas Instruments TPS22920_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPS22920
SLVSAY8A – JUNE 2011 – REVISED JULY 2013
www.ti.com
THERMAL INFORMATION
TPS22920
THERMAL METRIC(1)
UNITS
CS130P (8 PINS)
θJA
Junction-to-ambient thermal resistance
130
θJCtop
Junction-to-case (top) thermal resistance
54
θJB
Junction-to-board thermal resistance
51
°C/W
ψJT
Junction-to-top characterization parameter
1
ψJB
Junction-to-board characterization parameter
50
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage range
0.75
3.6
V
VOUT Output voltage range
VIN
V
VIN = 2.5-V to 3.6 V
1.2
3.6
V
VIH
High-level input voltage, ON
VIN = 0.75-V to 2.49 V
0.9
3.6
V
VIN = 2.5-V to 3.6 V
0.6
V
VIL
Low-level input voltage, ON
VIN = 0.75-V to 2.49 V
0.4
V
CIN
Input Capacitor
1(1)
µF
(1)
See Input Capacitor section in Application Information.
ELECTRICAL CHARACTERISTICS
VIN = 0.75 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1)
MAX
UNIT
VIN = 3.6 V
68
160
µA
VIN = 2.5 V
40
70
VIN = 1.8 V
25
350
IIN
Quiescent Current
IOUT = 0, VIN = VON
Full
µA
VIN = 1.2 V
103
200
VIN = 1.05 V
78
110
µA
VIN = 0.75 V
37
70
IIN(leak)
Off Supply Current (After Pull Down)
VON = GND, VOUT = 0
Full
5.5
µA
25°C
5.3
8.8
VIN = 3.6 V, IOUT = –200 mA
m
Ω
Full
9.8
25°C
5.4
8.9
VIN = 2.5 V, IOUT = –200 mA
m
Ω
Full
9.9
25°C
5.5
9.1
VIN = 1.8 V, IOUT = –200 mA
m
Ω
Full
10.1
rON
On-Resistance
25°C
5.8
9.4
VIN = 1.2 V, IOUT = –200 mA
m
Ω
Full
10.4
25°C
6.1
9.7
VIN = 1.05 V, IOUT = –200 mA
m
Ω
Full
10.8
25°C
7.3
11.0
VIN = 0.75 V, IOUT = –200 mA
m
Ω
Full
12.4
RPD
Output pull down resistance(2)
VIN = 3.3 V, VON = 0, IOUT = 3 mA
Full
1250
1500
Ω
ION
ON input leakage current
VON = 0.9 V to 3.6 V or GND
Full
0.1
µA
(1)
Typical values are at VIN = 3.3 V and TA = 25°C.
(2)
See Output Pulldown in Application Information.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS22920


Numéro de pièce similaire - TPS22920_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Description similaire - TPS22920_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com