Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STY130NF20D Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STY130NF20D
Description  N-channel 200 V, 0.01 typ., 130 A STripFET II with fast recovery diode Power MOSFET in a Max247 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY130NF20D Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STY130NF20D Datasheet HTML 6Page - STMicroelectronics STY130NF20D Datasheet HTML 7Page - STMicroelectronics STY130NF20D Datasheet HTML 8Page - STMicroelectronics STY130NF20D Datasheet HTML 9Page - STMicroelectronics STY130NF20D Datasheet HTML 10Page - STMicroelectronics STY130NF20D Datasheet HTML 11Page - STMicroelectronics STY130NF20D Datasheet HTML 12Page - STMicroelectronics STY130NF20D Datasheet HTML 13Page - STMicroelectronics STY130NF20D Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID15300 Rev 4
11/14
STY130NF20D
Package mechanical data
14
Figure 21. Max247 drawing
0094330_Rev_D


Numéro de pièce similaire - STY130NF20D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
More results

Description similaire - STY130NF20D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STE140NF20D STMICROELECTRONICS-STE140NF20D Datasheet
597Kb / 13P
   N-channel 200 V, 10 mOmh typ., 140 A STripFET II Power MOSFET (with fast diode) in an ISOTOP package
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY105NM50N STMICROELECTRONICS-STY105NM50N Datasheet
907Kb / 13P
   N-channel 500 V, 0.019 廓 typ., 110 A, MDmesh??II Power MOSFET in a Max247 package
July 2013 Rev 3
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
   N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
STB170NF04 STMICROELECTRONICS-STB170NF04 Datasheet
594Kb / 15P
   N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
STD25NF20 STMICROELECTRONICS-STD25NF20 Datasheet
848Kb / 16P
   Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET??Power MOSFET in a DPAK package
May 2015 Rev 3
STD52P3LLH6 STMICROELECTRONICS-STD52P3LLH6 Datasheet
778Kb / 16P
   P-channel 30 V, 0.01 廓 typ., 52 A, STripFET??H6 Power MOSFET in a DPAK package
September 2014 Rev 2
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
   N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
Rev 3 - August 2018
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
STB18NF30 STMICROELECTRONICS-STB18NF30 Datasheet
1,003Kb / 15P
   Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com