Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3109 Fiches technique(PDF) 1 Page - NEC

No de pièce 2SK3109
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK3109 Fiches technique(HTML) 1 Page - NEC

  2SK3109 Datasheet HTML 1Page - NEC 2SK3109 Datasheet HTML 2Page - NEC 2SK3109 Datasheet HTML 3Page - NEC 2SK3109 Datasheet HTML 4Page - NEC 2SK3109 Datasheet HTML 5Page - NEC 2SK3109 Datasheet HTML 6Page - NEC 2SK3109 Datasheet HTML 7Page - NEC 2SK3109 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 2000
MOS FIELD EFFECT TRANSISTOR
2SK3109
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. D13332EJ1V0DS00 (1st edition)
Date Published January 2000 NS CP (K)
Printed in Japan
DATA SHEET
The mark 5 shows major revised points.
DESCRIPTION
The 2SK3109 is N channel MOS FET device that
features a low on-state resistance and excellent
switching characteristics, and designed for high voltage
applications such as DC/DC converter.
FEATURES
• Gate voltage rating ±30 V
• Low on-state resistance
RDS(on) = 0.4
Ω MAX. (VGS = 10 V, ID = 5.0 A)
• Low input capacitance
Ciss = 400 pF TYP. (VDS = 10 V, VGS = 0 V)
• Avalanche capability rated
• Built-in gate protection diode
• Surface mount device available
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to source voltage (VGS = 0 V)
VDSS
200
V
Gate to source voltage (VDS = 0 V)
VGSS
±30
V
Drain current (DC) (TC = 25 °C)
ID(DC)
±10
A
Drain current (pulse)
Note1
ID(pulse)
±30
A
Total power dissipation (TA = 25 °C)
PT1
1.5
W
Total power dissipation (TC = 25 °C)
PT2
50
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to +150
°C
Single avalanche current
Note2
IAS
10
A
Single avalanche energy
Note2
EAS
35
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Starting Tch = 25 °C, VDD = 100 V, RG = 25
Ω, VGS = 20 V→0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3109
TO-220AB
2SK3109-S
TO-262
2SK3109-ZJ
TO-263


Numéro de pièce similaire - 2SK3109

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SK3109 KEXIN-2SK3109 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3109 ISC-2SK3109 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3109 RENESAS-2SK3109 Datasheet
409Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Inchange Semiconductor ...
2SK3109-AZ ISC-2SK3109-AZ Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3109-S ISC-2SK3109-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK3109

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com