Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2756 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2756
Description  Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2756 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM2756 Datasheet HTML 2Page - Texas Instruments LM2756 Datasheet HTML 3Page - Texas Instruments LM2756 Datasheet HTML 4Page - Texas Instruments LM2756 Datasheet HTML 5Page - Texas Instruments LM2756 Datasheet HTML 6Page - Texas Instruments LM2756 Datasheet HTML 7Page - Texas Instruments LM2756 Datasheet HTML 8Page - Texas Instruments LM2756 Datasheet HTML 9Page - Texas Instruments LM2756 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM2756
SNVS504B – JULY 2007 – REVISED DECEMBER 2007
www.ti.com
Electrical Characteristics (continued)
(1) (2)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 3.6V; VHWEN = VIN; VDxA = VDxB = VDxC = 0.4V; RSET = 11.8kΩ; GroupA = GroupB = GroupC
= Fullscale Current; ENA, ENB, ENC Bits = “1”; SD53, SD62, 53A, 62A Bits = "0"; C1 = C2 = CIN= COUT= 1.0µF;
Specifications related to output current(s) and current setting pins (IDxx and ISET) apply to GroupA and GroupB.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Reset
0
0.580
VHWEN
HWEN Voltage Thresholds
2.7V
≤ VIN ≤ 5.5V
V
Normal Operation
1.075
VIN
I2C Compatible Interface Voltage Specifications (SCL, SDIO)
VIL
Input Logic Low "0"
2.7V
≤ VIN ≤ 5.5V
0
0.710
V
VIH
Input Logic High "1"
2.7V
≤ VIN ≤ 5.5V
1.225
VIN
V
VOL
Output Logic Low "0"
ILOAD = 3.5mA
400
mV
I2C Compatible Interface Timing Specifications (SCL, SDIO)(7)
t1
SCL (Clock Period)
(8)
294
ns
t2
Data In Setup Time to SCL High
100
ns
t3
Data Out stable After SCL Low
0
ns
SDIO Low Setup Time to SCL Low
t4
100
ns
(Start)
SDIO High Hold Time After SCL High
t5
100
ns
(Stop)
(7)
SCL and SDIO should be glitch-free in order for proper brightness control to be realized.
(8)
SCL is tested with a 50% duty-cycle clock.
Figure 3.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LM2756


Numéro de pièce similaire - LM2756

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2756 NSC-LM2756 Datasheet
508Kb / 16P
   Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
LM2756 NSC-LM2756 Datasheet
509Kb / 16P
   Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
LM2756TM NSC-LM2756TM Datasheet
508Kb / 16P
   Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
LM2756TM NSC-LM2756TM Datasheet
509Kb / 16P
   Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
LM2756TMX NSC-LM2756TMX Datasheet
508Kb / 16P
   Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
More results

Description similaire - LM2756

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2756_0712 NSC-LM2756_0712 Datasheet
509Kb / 16P
   Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
LM2756 NSC-LM2756 Datasheet
508Kb / 16P
   Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
LM3528 NSC-LM3528 Datasheet
823Kb / 32P
   High Efficiency, Multi Display LED Driver with 128 Exponential Dimming Steps and Integrated OLED Power Supply in a 1.2mm 횞 1.6mm 關SMD Package
logo
Analog Devices
LT3950 AD-LT3950 Datasheet
2Mb / 26P
   60V, 1.5A LED Driver with Internal Exponential Scale Dimming
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
Richtek Technology Corp...
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
logo
ON Semiconductor
CAT4002B ONSEMI-CAT4002B Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
Analog Devices
LT8355-1 AD-LT8355-1_V01 Datasheet
4Mb / 31P
   60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com