Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM4T18AYCAY Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce SM4T18AYCAY
Description  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T18AYCAY Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button SM4T18AYCAY Datasheet HTML 4Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 5Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 6Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 7Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 8Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 9Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 10Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 11Page - STMicroelectronics SM4T18AYCAY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
SM4TY
10/12
Doc ID 17862 Rev 3
Table 4.
Marking
Order code
Marking
Order code
Marking
SM4T6V7AY
AEY
SM4T6V7CAY
AAY
SM4T7V6AY
DUCY
SM4T7V5CAY
DBCY
SM4T10AY
DUHY
SM4T10CAY
DBHY
SM4T12AY
AXY
SM4T12CAY
ACY
SM4T14AY
DUKY
SM4T14CAY
DBKY
SM4T15AY
BGY
SM4T15CAY
BHY
SM4T18AY
BMY
SM4T18CAY
AJY
SM4T21AY
DUQY
SM4T21CAY
DBQY
SM4T23AY
DURY
SM4T23CAY
DBRY
SM4T26AY
DUSY
SM4T26CAY
DBSY
SM4T28AY
DUTY
SM4T28CAY
DBTY
SM4T30AY
DUUY
SM4T30CAY
DBUY
SM4T33AY
CGY
SM4T33CAY
CHY
SM4T35AY
CKY
SM4T35CAY
CLY
SM4T39AY
CMY
SM4T39CAY
CNY
SM4T47AY
DUZY
SM4T47CAY
DBZY
SM4T50AY
EUAY
SM4T50CAY
EBAY
SM4T56AY
CXY
SM4T56CAY
CYY
SM4T68AY
EUFY
SM4T68CAY
EBFY
SM4T82AY
EUIY
SM4T82CAY
EBIY


Numéro de pièce similaire - SM4T18AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM4T18AY STMICROELECTRONICS-SM4T18AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18AY STMICROELECTRONICS-SM4T18AY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

Description similaire - SM4T18AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com