Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3883 Fiches technique(PDF) 33 Page - Fujitsu Component Limited.

No de pièce MB3883
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3883 Fiches technique(HTML) 33 Page - Fujitsu Component Limited.

Back Button MB3883 Datasheet HTML 29Page - Fujitsu Component Limited. MB3883 Datasheet HTML 30Page - Fujitsu Component Limited. MB3883 Datasheet HTML 31Page - Fujitsu Component Limited. MB3883 Datasheet HTML 32Page - Fujitsu Component Limited. MB3883 Datasheet HTML 33Page - Fujitsu Component Limited. MB3883 Datasheet HTML 34Page - Fujitsu Component Limited. MB3883 Datasheet HTML 35Page - Fujitsu Component Limited. MB3883 Datasheet HTML 36Page - Fujitsu Component Limited. MB3883 Datasheet HTML 37Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
MB3883
33
s
s
s
s PARTS LIST
Note : SANYO : SANYO Electric Co., Ltd.
Fairchild : Fairchild Semiconductor Corporation
TDK : TDK Corporation
COMPONENT
ITEM
SPECIFICATION
VENDOR
PARTS NO.
Q1, Q2
Q3 to Q6, Q8
Q9, Q10, Q12
Q7, Q11
PNP Tr
FET
FET
NPN Tr
VCEO
= −12 V
VDSS
= 30 V
VDSS
= −20 V
VCEO
= 15 V
SANYO
Fairchild
SANYO
SANYO
CPH3106
NDS355AN
CPH3303
CPH3206
D1, D2, D8, D9
D3 to D7
Diode
Diode
VF
= 0.40 V (Max.) , IF = 1 A
VF
= 0.55 V (Max.) , IF = 500 mA
SANYO
SANYO
SBS004
SB05-05CP
L1, L5
L2 to L6
Coil
Coil
15
µH
22
µH
1 A, 74.5 m
0.77 A, 104 m
TDK
TDK
SLF6028T-150M1R0
SLF6028T-220MR77
C1 to C4
C5 to C9
C10
C11
C12, C14
C13, C15
C16
C17 to C22
C23 to C28
C29
C30, C31, C33
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
Ceramics Condensor
4.7
µF
1
µF
3300 pF
2700 pF
4.7
µF
2.2
µF
56 pF
2.2
µF
0.1
µF
0.33
µF
0.1
µF
10 V
25 V
50 V
50 V
10 V
16 V
50 V
16 V
16 V
10 V
16 V
R1
R2
R3
R4
R5
R8 to R11
R12
R13
R14
R15, R19, R24
R16, R20, R25
R17, R18, R21
R22
R23, R39
R26
R27, R28
R29, R31, R36
R30, R35
R32, R34, 37
R33, R38
R40
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
150
300
18 k
27 k
20 k
1 k
2.7 k
22 k
15 k
24 k
47 k
15 k
150 k
15 k
120 k
10 k
47 k
24 k
15 k
30 k
18 k
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W
1/16 W


Numéro de pièce similaire - MB3883

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PFV FUJITSU-MB3883PFV Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PV FUJITSU-MB3883PV Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
More results

Description similaire - MB3883

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com