Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB3881 Fiches technique(PDF) 36 Page - Fujitsu Component Limited.

No de pièce MB3881
Description  8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3881 Fiches technique(HTML) 36 Page - Fujitsu Component Limited.

Back Button MB3881 Datasheet HTML 32Page - Fujitsu Component Limited. MB3881 Datasheet HTML 33Page - Fujitsu Component Limited. MB3881 Datasheet HTML 34Page - Fujitsu Component Limited. MB3881 Datasheet HTML 35Page - Fujitsu Component Limited. MB3881 Datasheet HTML 36Page - Fujitsu Component Limited. MB3881 Datasheet HTML 37Page - Fujitsu Component Limited. MB3881 Datasheet HTML 38Page - Fujitsu Component Limited. MB3881 Datasheet HTML 39Page - Fujitsu Component Limited. MB3881 Datasheet HTML 40Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
MB3881
36
s
s
s
s REFERENCE DATA
(Continued)
95
94
93
92
91
90
89
88
87
86
85
0
50 100 150 200 250 300 350 400 450 500
Vin
= 2.5 V
Vin
= 3 V
Vin
= 3.6 V
Vin
= 4.2 V
Vin
= 6 V
A
R1
240
C15
2200 pF
Vin
Iin
IL
C37
Q1
VO1
(2.0 V)
L2
D1
Q9
1
µF
C1
2.2
µF
33
µH
η =
× 100 (%)
VO1
× IL
Vin
× Iin
90
88
86
84
82
80
78
76
74
72
70
0
50 100 150 200 250 300 350 400 450 500
Vin
= 2.5 V
Vin
= 3 V
Vin
= 3.6 V
Vin
= 4.2 V
Vin
= 6 V
B
R2
75
C16
3900 pF
Vin
Iin
IL
C38
C10
Q2
VO2
(2.8 V)
L4
D2
Q10
1
µF
C2
2.2
µF
2.2
µF
15
µH
L3
15
µH
η =
× 100 (%)
VO2
× IL
Vin
× Iin
Conversion efficiency vs. load current
(CH1 : Down conversion method with synchronous rectification)
Load current IL (mA)
Conversion efficiency vs. load current
(CH2 : Zeta method with synchronous rectification)
Load current IL (mA)
Ta
= +25 °C
2 V output
VCC (O)
= Vin + 2.2 V
VSS (O)
= Vin − 1.8 V
Ta
= +25 °C
2.8 V output
VCC (O)
= Vin + 2.2 V
VSS (O)
= Vin − 1.8 V
To OUT1-1
To OUT1-2
To OUT2-1
To OUT2-2


Numéro de pièce similaire - MB3881

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3882PFV FUJITSU-MB3882PFV Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PFV FUJITSU-MB3883PFV Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Description similaire - MB3881

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433_15 Datasheet
243Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Panasonic Semiconductor
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
   Step-down, step-up, or inverting DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com