Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3503ITL-35NOPB Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM3503ITL-35NOPB
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503ITL-35NOPB Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM3503ITL-35NOPB Datasheet HTML 7Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 8Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 9Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 10Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 11Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 12Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 13Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 14Page - Texas Instruments LM3503ITL-35NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
-40
TEMPERATURE (
oC)
0.249
0.250
0.251
0.252
0.253
0.254
0.255
0.256
0.257
-30
-20
-10
0
10
20
30
40
50
60
70
80
VIN = 5.5V
CNTRL = 1.6V
VIN = 2.7V
-40
TEMPERATURE (
oC)
0.119
0.120
0.121
0.122
0.123
0.124
0.125
0.126
0.127
-30
-20
-10
0
10
20
30
40
50
60
70
80
VIN = 2.7V
CNTRL = 0.8V
VIN = 5.5V
5.0
INPUT VOLTAGE (V)
690
700
710
720
730
740
750
760
770
780
5.5
4.5
4.0
3.5
3.0
2.5
85
oC
-40
oC
25
oC
5.0
INPUT VOLTAGE (V)
440
460
480
500
520
540
560
580
600
620
5.5
4.5
4.0
3.5
3.0
2.5
T = -40
oC
T = 25
oC
T = 85
oC
-40
80
TEMPERATURE (
oC)
-25 -10
5
20
35
50
65
VIN = 7.0V
690
700
710
720
730
740
750
760
780
770
VIN = 2.5V
LM3503
www.ti.com
SNVS329D – JULY 2005 – REVISED AUGUST 2006
Typical Performance Characteristics (continued)
(See Typical Application Circuit :e L=DO1608C-223 and D=B150-13. Efficiency:
η = POUT/ PIN = [(VOUT – VFb ) * IOUT] / [VIN *
IIN]. TA = +25°C, unless otherwise stated.)
Current Limit (LM3503-25)
Current Limit (LM3503-35/44)
vs
vs
VIN
Temperature
Figure 25.
Figure 26.
Current Limit (LM3503-35/44)
Feedback Voltage (VCntrl = 0.8V)
vs
vs
VIN
Temp
Figure 27.
Figure 28.
Feedback Voltage (VCntrl = 1.6V)
vs
Temp
VIN = 3.6V at 15mA & 4 Leds
Figure 29.
Figure 30.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3503


Numéro de pièce similaire - LM3503ITL-35NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3503ITL-35 NSC-LM3503ITL-35 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503ITL-35 NSC-LM3503ITL-35 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503ITL-35/NOPB TI1-LM3503ITL-35/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Description similaire - LM3503ITL-35NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com