Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM10506 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM10506
Description  Triple Buck LDO Power Management Unit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 Fiches technique(HTML) 3 Page - Texas Instruments

  LM10506 Datasheet HTML 1Page - Texas Instruments LM10506 Datasheet HTML 2Page - Texas Instruments LM10506 Datasheet HTML 3Page - Texas Instruments LM10506 Datasheet HTML 4Page - Texas Instruments LM10506 Datasheet HTML 5Page - Texas Instruments LM10506 Datasheet HTML 6Page - Texas Instruments LM10506 Datasheet HTML 7Page - Texas Instruments LM10506 Datasheet HTML 8Page - Texas Instruments LM10506 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
GND_B3
RESET
GND
VCOMP
GND_B1
GND_B1
SW_B3
SW_B3
SW_B1
SW_B1
VIN_B3
VIN_B1
VIN_B1
HL_B2
FB_B1
FB_B1
VIN_B2
GND
VIN
SW_B2
SW_B2
GND
LDO
GND_B2
SPI_CS
SPI_DO
SPI_DI
SPI_
CLK
7
6
5
4
3
2
1
TOP VIEW
FB_B3
HL_B3
FB_B2
VIN_IO
IRQ
STANDBY
A
B
C
D
E
F
G
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
5 Device Comparison Table
Table 1. Available Device Options
PART NUMBER
BUCK 2 VOUT
SOFT-START IN BYPASS
BUCK 2 BYPASS
LM10506TME
3.0 V
NO
YES
LM10506TME-A
2.0 V
NO
YES
6 Pin Configuration and Functions
DSBGA
34
Top View
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM10506


Numéro de pièce similaire - LM10506

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506TME TI1-LM10506TME Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506TME-A TI1-LM10506TME-A Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506TME-A/NOPB TI1-LM10506TME-A/NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

Description similaire - LM10506

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com