Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM20242 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM20242
Description  36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM20242 Fiches technique(HTML) 4 Page - Texas Instruments

  LM20242 Datasheet HTML 1Page - Texas Instruments LM20242 Datasheet HTML 2Page - Texas Instruments LM20242 Datasheet HTML 3Page - Texas Instruments LM20242 Datasheet HTML 4Page - Texas Instruments LM20242 Datasheet HTML 5Page - Texas Instruments LM20242 Datasheet HTML 6Page - Texas Instruments LM20242 Datasheet HTML 7Page - Texas Instruments LM20242 Datasheet HTML 8Page - Texas Instruments LM20242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM20242
SNVS534D – OCTOBER 2007 – REVISED MAY 2008
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, the following conditions apply: VVIN = 12V. Limits in standard type are for TJ = 25°C only, limits in
bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are
specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C,
and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Oscillator
FSW1
Switching Frequency 1
RRT = 49.9 kΩ
675
750
825
kHz
FSW2
Switching Frequency 2
RRT = 249 kΩ
225
250
325
kHz
DMAX
Maximum Duty Cycle
ILOAD = 0A
90
%
VRT
RT pin voltage
RRT = 250 kΩ
550
mV
Error Amplifier
IFB
Feedback pin bias current
VFB = 1V
50
nA
ICOMP(SRC)
COMP Output Source Current
VFB = 0V
200
400
µA
VCOMP = 0V
ICOMP(SNK)
COMP Output Sink Current
VFB = 1V
200
350
µA
VCOMP = 0.5V
gm
Error Amplifier DC Transconductance
ICOMP = -50 µA to +50 µA
400
515
600
µmho
AVOL
Error Amplifier Voltage Gain
COMP pin open
2000
V/V
GBW
Error Amplifier Gain-Bandwidth Product
COMP pin open
7
MHz
Current Limit
ILIM
Cycle By Cycle Current Limit
3.1
3.7
4.65
A
TILIM
Cycle By Cycle Current Limit Delay
150
ns
Enable
VEN(RISING)
EN Pin Rising Threshold
1.2
1.25
1.3
V
VEN(HYS)
EN Pin Hysteresis
50
mV
IEN
EN Source Current
VEN = 0V, VVIN = 12V
2
µA
Thermal Shutdown
TSD
Thermal Shutdown
170
°C
TSD(HYS)
Thermal Shutdown Hysteresis
20
°C
Thermal Resistance
θJC
Junction to Case
5.6
°C/W
θJA
Junction to Ambient
0 LFM airflow
30
°C/W
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM20242


Numéro de pièce similaire - LM20242

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MH NSC-LM20242MH Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MH NSC-LM20242MH Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MHE NSC-LM20242MHE Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Description similaire - LM20242

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
[Old version datasheet]   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com