Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1S414 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1S414
Description  USB CHARGER OVP SWITCH WITH ESD FOR V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S414 Fiches technique(HTML) 4 Page - Texas Instruments

  TPD1S414 Datasheet HTML 1Page - Texas Instruments TPD1S414 Datasheet HTML 2Page - Texas Instruments TPD1S414 Datasheet HTML 3Page - Texas Instruments TPD1S414 Datasheet HTML 4Page - Texas Instruments TPD1S414 Datasheet HTML 5Page - Texas Instruments TPD1S414 Datasheet HTML 6Page - Texas Instruments TPD1S414 Datasheet HTML 7Page - Texas Instruments TPD1S414 Datasheet HTML 8Page - Texas Instruments TPD1S414 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPD1S414
SLLSEH9A –OCTOBER 2013–REVISED OCTOBER 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VBUS_CON
Supply voltage from USB connector
5.9
V
VBUS_SYS
Internal Supply DC voltage Rail on the PCB
5.9
V
CLOAD
Output load capacitance
VBUS_SYS pin
2.2
µF
CIN
Input capacitance
VBUS_CON pin
1
µF
RPULLUP
Pull up resistor
ACK pin
4.3
100
VBUS_CON
IVBUS
Continuous current on VBUS_CON and VBUS_SYS pins
3.5
A
VBUS_SYS
IDIODE
Continuous current through the FET body diode
1
A
SUPPLY CURRENT CONSUMPTION
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measured at VBUS_CON pin,
IVBUS_SLEEP
30
70
µA
VBUS_CON = 5 V, EN =5V
VBUS_CON Operating Current
Consumption
Measured at VBUS_CON pin,
IVBUS
175
373
µA
VBUS_CON = 5 V, EN 0 V and no load
Measured at VBUS_SYS pin,
VBUS_CON Operating Current
IVBUS_SYS
VBUS_SYS = 5 V, EN = 0 V and
175
373
µA
Consumption
VBUS_CON = Hi Z
Measured at VBUS_SYS.
IHOST_LEAK
Host Mode Leakage current
VBUS_CON = Hi Z, EN = 5 V,
90
200
µA
VBUS_SYS = 5V
ELECTRICAL CHARACTERISTICS (EN, ACK PINS)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage, EN
1.2
6
V
VIL
Low-level input voltage, EN
0.8
V
IIL
Input Leakage Current EN
VI = 3.3 V
1
µA
VOL
Low-level output voltage, ACK
IOL = 3 mA
0.4
V
ELECTRICAL CHARACTERISTICS (OVP CIRCUIT)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input overvoltage protection
VOVP_RISING
VBUS_CON increasing from 5 V
6
6.2
6.4
V
threshold, VBUS_CON
VBUS_CON decreasing from 7 V to
VHYS_OVP
Hysteresis on OVP, VBUS_CON
50
mV
5 V
Input overvoltage protection
VBUS_CON decreasing from 7 V to
VOVP_FALLING
5.93
6.37
V
threshold, VBUS_CON
5 V
Input under voltage lockout,
VBUS_CON voltage rising from 0 V
VUVLO
3.1
3.3
3.5
V
VBUS_CON
to 5 V
Difference between rising and
VHYS_UVLO
Hysteresis on UVLO, VBUS_CON
100
mV
falling UVLO thresholds
Input under voltage lockout,
VBUS_CON voltage rising from 5 V
VUVLO_FALLING
3
3.2
3.4
V
VBUS_CON
to 0 V
VBUS_SYS under voltage lockout,
VBUS_SYS voltage rising from 0 V
VUVLO_SYS
3.1
3.6
4.3
V
VBUS_SYS
to 5 V
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPD1S414


Numéro de pièce similaire - TPD1S414

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
More results

Description similaire - TPD1S414

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
   USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Shenzhen Huazhimei Semi...
HM2514 HMSEMI-HM2514 Datasheet
521Kb / 6P
   USB Charger Emulator with Adjustable Power Switch
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com