Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T491B106K016ZT Fiches technique(PDF) 13 Page - Kemet Corporation

No de pièce T491B106K016ZT
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B106K016ZT Fiches technique(HTML) 13 Page - Kemet Corporation

Back Button T491B106K016ZT Datasheet HTML 9Page - Kemet Corporation T491B106K016ZT Datasheet HTML 10Page - Kemet Corporation T491B106K016ZT Datasheet HTML 11Page - Kemet Corporation T491B106K016ZT Datasheet HTML 12Page - Kemet Corporation T491B106K016ZT Datasheet HTML 13Page - Kemet Corporation T491B106K016ZT Datasheet HTML 14Page - Kemet Corporation T491B106K016ZT Datasheet HTML 15Page - Kemet Corporation T491B106K016ZT Datasheet HTML 16Page - Kemet Corporation T491B106K016ZT Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 6/12/2014 13
13
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Series Industrial Grade MnO2
Recommended Voltage Derating Guidelines
-55°Cto85°C
85°Cto125°C
% Change in Working DC
Voltage with Temperature
VR
67% of VR
Recommended Maximum
Application Voltage
50% of VR
33% of VR
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to equivalent
series resistance (ESR) and the power dissipation capabilities of
the device. Permissible AC ripple voltage which may be applied is
limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage, if any,
must not exceed the DC voltage rating of the capacitor.
2. The negative peak AC voltage in combination with bias
voltage,ifany,mustnotexceedtheallowablelimitsspecifiedfor
reverse voltage. See the Reverse Voltage section for allowable
limits.
The maximum power dissipation by case size can be determined
using the table at right. The maximum power dissipation rating
stated in the table must be reduced with increasing environmental
operating temperatures. Refer to the table below for temperature
compensation requirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T≤25°C
T≤85°C
T≤125°C
1.00
0.90
0.40
T= Environmental Temperature
Using the P max of the device, the maximum allowable rms ripple
current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
KEMET
Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts @ 25°C
w/+20°C Rise
A
3216–18
75
B
3528–21
85
C
6032–28
110
D
7343–31
150
X
7343–43
165
E
7360–38
200
S
3216–12
60
T
3528–12
70
U
6032–15
90
V
7343–20
125
W
7343-15
180
T510X
7343–43
270
T510E
7360–38
285
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature Compensation
Multiplier table for details.
0%
20%
40%
60%
80%
100%
120%
-55
25
85
125
% Change in Working DC Voltage
with Temperature
Temperature (ºC)
67%
33%
Recommended Maximum
Application Voltage (As %
of Rated Voltage)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)


Numéro de pièce similaire - T491B106K016ZT

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T491B106K016AH KEMET-T491B106K016AH Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
logo
Cornell Dubilier Electr...
T491B106K016AS-F CDE-T491B106K016AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491B106K016AT KEMET-T491B106K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
More results

Description similaire - T491B106K016ZT

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T490B227M006AT KEMET-T490B227M006AT Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
TAJC106M004RNJ KEMET-TAJC106M004RNJ Datasheet
1Mb / 9P
   Standard MnO2 Tantalum Surface Mount Capacitors
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491C336M006AT KEMET-T491C336M006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491D106K035AT7280 KEMET-T491D106K035AT7280 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com