Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25088 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM25088
Description  Wide Input Range Non-Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25088 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM25088_14 Datasheet HTML 4Page - Texas Instruments LM25088_14 Datasheet HTML 5Page - Texas Instruments LM25088_14 Datasheet HTML 6Page - Texas Instruments LM25088_14 Datasheet HTML 7Page - Texas Instruments LM25088_14 Datasheet HTML 8Page - Texas Instruments LM25088_14 Datasheet HTML 9Page - Texas Instruments LM25088_14 Datasheet HTML 10Page - Texas Instruments LM25088_14 Datasheet HTML 11Page - Texas Instruments LM25088_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
FB
VIN
VCC
SW
RT
Regulator
DRIVER
BOOT
LEVEL
SHIFT
THERMAL
SHUTDOWN
UVLO
ERROR
AMP
DIS
COMP
TRACK
SAMPLE
and
HOLD
CLK
GND
CLK
CSG
CS
CLK
RAMP GENERATOR
+
SHUTDOWN
PWM
I- LIMIT
OUT
RAMP
SS
VIN
STANDBY
5 uA
1.2
VIN
EN
Ir
HG
CLK
S
R
Q
Q
CLK
FREQUENCY
DITHERING
STANDBY
SYNC
DITHER
LM5088 -1 ONLY
OSCILLATOR
HICCUP
RESTART
LOGIC
Rs
RFB1
DITHER
RES
RFB2
Q
L
D
VOUT
CBOOT
UVLO
MINIMUM
OFF- TIME
LOGIC
7.7V
HICCUP RESTART
LM5088 - 2 ONLY
5V
A = -10
CRES/DITH
CSYNC
1.2V
RUV2
RUV1
CFT
CIN
CSS
CHF
RCOMP
CCOMP
RRT
CRAMP
COUT
0.9V
0.4V
5V
11 uA
CVCC
LM25088
VIN (4.5V-42V)
1.205V
LM25088
SNVS609G – DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
Block Diagram
Figure 15. Block Diagram
DETAILED OPERATION
The LM25088 Wide Input Range Buck Controller features all the functions necessary to implement an efficient
high voltage step-down converter using a minimum number of external components. The control method is
based on peak current mode control utilizing an emulated current ramp. Peak current mode control provides
inherent line voltage feed-forward, cycle-by-cycle current limiting and ease of loop compensation. The use of an
emulated control ramp reduces noise sensitivity of the pulse-width modulation circuit, allowing reliable processing
of very small duty cycles necessary in high input voltage applications. The operating frequency is user
programmable from 50 kHz to 1 MHz. The LM25088-1 provides a ±5% frequency dithering function to reduce the
conducted and radiated EMI, while the LM25088-2 provides a versatile restart timer for overload protection.
Additional features include the low dropout bias regulator, tri-level enable input to control shutdown and standby
modes, soft-start, and voltage tracking and oscillator synchronization capability. The device is available in a
thermally enhanced HTSSOP-16 pin package.
The functional block diagram and typical application schematic of the LM25088 are shown in Figure 15. The
LM25088 is well suited for a wide range of applications where efficient step-down of high, unregulated input
voltage is required. The LM25088’s typical applications include Telecom, Industrial and Automotive.
High Voltage Low-Dropout Regulator
The LM25088 contains a high voltage, low-dropout regulator that provides the VCC bias supply for the controller
and the bootstrap MOSFET gate driver. The input pin (VIN) can be connected directly to an input voltage as high
as 42V. The output of the VCC regulator (7.8V) is internally current limited to 25 mA. Upon power up, the
regulator sources current into the capacitor connected to the VCC pin. When the voltage at the VCC pin exceeds
the upper VCC UV threshold of 4.0V and the EN pin is greater than 1.2 Volts, the output (HG) is enabled and a
soft-start sequence begins. The output is terminated if VCC falls below its lower UV threshold (3.8V) or the EN
pin falls below 1.1V. When VIN is less than VCC regulation point of 7.8V, then the internal pass device acts as a
switch. Thereby, VCC tracks VIN with a voltage drop determined by the RDS(ON) of the internal switch and
operating current of the controller. The required VCC capacitor value is dependant on system startup
characteristics with a minimum value no less than 0.1 µF.
8
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM25088


Numéro de pièce similaire - LM25088_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

Description similaire - LM25088_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com