Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25010 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce LM25010
Description  42V, 1.0A Step-Down Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25010 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM25010_14 Datasheet HTML 3Page - Texas Instruments LM25010_14 Datasheet HTML 4Page - Texas Instruments LM25010_14 Datasheet HTML 5Page - Texas Instruments LM25010_14 Datasheet HTML 6Page - Texas Instruments LM25010_14 Datasheet HTML 7Page - Texas Instruments LM25010_14 Datasheet HTML 8Page - Texas Instruments LM25010_14 Datasheet HTML 9Page - Texas Instruments LM25010_14 Datasheet HTML 10Page - Texas Instruments LM25010_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
UVLO
VIN
VCC
SW Pin
Inductor
Current
SS Pin
t2
VOUT
7.0V
2.5V
t1
LM25010
www.ti.com
SNVS419C – DECEMBER 2005 – REVISED DECEMBER 2008
Figure 1. Startup Sequence
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25010


Numéro de pièce similaire - LM25010_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25010Q1MH NSC-LM25010Q1MH Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010Q1MH/NOPB TI1-LM25010Q1MH/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010Q1MHX NSC-LM25010Q1MHX Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010Q1MHX/NOPB TI1-LM25010Q1MHX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
More results

Description similaire - LM25010_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com