Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4951A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4951A
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4951A Fiches technique(HTML) 3 Page - Texas Instruments

  LM4951A Datasheet HTML 1Page - Texas Instruments LM4951A Datasheet HTML 2Page - Texas Instruments LM4951A Datasheet HTML 3Page - Texas Instruments LM4951A Datasheet HTML 4Page - Texas Instruments LM4951A Datasheet HTML 5Page - Texas Instruments LM4951A Datasheet HTML 6Page - Texas Instruments LM4951A Datasheet HTML 7Page - Texas Instruments LM4951A Datasheet HTML 8Page - Texas Instruments LM4951A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4951A
www.ti.com
SNAS453B – AUGUST 2008 – REVISED SEPTEMBER 2008
Pin Name and Function (continued)
Pin Number
Name
Function
Type
Input capacitor charge to decrease turn on time. See section Selecting
3
CCHG
Analog Output
Value A For RCfor more information.
4
NC
No connection to die. Pin can be connected to any potential.
No Connect
5
VIN
Single-ended signal input pin.
Analog Input
6
VO-
Inverting output of amplifier.
Analog Output
7
GND
Ground connection.
Ground
8
NC
No connection to die. Pin can be connected to any potential.
No Connect
9
VDD
Power supply.
Power
10
VO+
Non-Inverting output of amplifier.
Analog Output
No connect. Pin must be electrically isolated (floating) or connected to
Exposed DAP
NC
No Connect
GND.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
9.5V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation(3)
Internally limited
ESD Rating(4)
2000V
ESD Rating(5)
200V
Junction Temperature (TJMAX)
150°C
Thermal Resistance
θJA (WSON)
(3)
73°C/W
Soldering Information
AN-1187 'Leadless Leadframe Packaging
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the s or other conditions beyond
those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating Conditionsindicate conditions
at which the device is functional and the device should not be operated beyond such conditions. All voltages are measured with respect
to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4951A typical application (shown in Figure 1) with VDD = 7.5V, RL = 8Ω mono-BTL operation the max
power dissipation is 1.42W.
θJA = 73ºC/W.
(4)
Human body model, applicable std. JESD22-A114C.
(5)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
(1) (2)
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ T A ≤ +85°C
Supply Voltage
2.7V
≤ VDD ≤ 9V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the s or other conditions beyond
those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating Conditionsindicate conditions
at which the device is functional and the device should not be operated beyond such conditions. All voltages are measured with respect
to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4951A


Numéro de pièce similaire - LM4951A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASD NSC-LM4951ASD Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASDX NSC-LM4951ASDX Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

Description similaire - LM4951A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Texas Instruments
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com