Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2757 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce LM2757
Description  Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2757 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM2757_14 Datasheet HTML 5Page - Texas Instruments LM2757_14 Datasheet HTML 6Page - Texas Instruments LM2757_14 Datasheet HTML 7Page - Texas Instruments LM2757_14 Datasheet HTML 8Page - Texas Instruments LM2757_14 Datasheet HTML 9Page - Texas Instruments LM2757_14 Datasheet HTML 10Page - Texas Instruments LM2757_14 Datasheet HTML 11Page - Texas Instruments LM2757_14 Datasheet HTML 12Page - Texas Instruments LM2757_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM2757
www.ti.com
SNVS536D – OCTOBER 2007 – REVISED AUGUST 2009
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 3.6V, V(M0) = 0V, V(M1) = VIN, C1 = C2 = 0.47µF, CIN = COUT = 1.0µF, TA = 25ºC.
Capacitors are low-ESR multi-layer ceramic capacitors (MLCC's).
Load Step with a Li-Ion Battery, 10mA to 200mA
Load Step with a Li-Ion Battery 200mA to 10mA
VBATT = 4V, VOUT = 5V Mode
VBATT = 4V, VOUT = 5V Mode
CH1: VOUT; Scale: 50mV/Div, AC Coupled
CH1: VOUT; Scale: 50mV/Div, AC Coupled
CH4: IOUT; Scale: 100mA/Div, DC Coupled
CH4: IOUT; Scale: 100mA/Div, DC Coupled
Time scale: 10µs/Div
Time scale: 10µs/Div
Operation Description
OVERVIEW
The LM2757 is a switched capacitor converter that produces a regulated output voltage of either 5V, 4.5V or
4.1V depending on the mode selected. The core of the part is a highly efficient charge pump that utilizes fixed
frequency pre-regulation to minimize ripple and power losses over wide input voltage and output current ranges.
A description of the principal operational characteristics of the LM2757 is detailed in the Circuit Description,
and Efficiency Performance sections. These sections refer to details in the Block Diagram.
CIRCUIT DESCRIPTION
The core of the LM2757 is a two-phase charge pump controlled by an internally generated non-overlapping
clock. The charge pump operates by using external flying capacitors C1, C2 to transfer charge from the input to
the output. At input voltages below 3.9V (typ.) for the 5V mode, the LM2757 operates in a 2x gain, with the input
current being equal to 2x the load current. At input voltages above 3.9V (typ.) for the 5V mode, the part utilizes a
gain of 3/2x, resulting in an input current equal to 3/2 times the load current. For the 4.5V mode, the LM2757
operates in a 2x gain when the input voltage is below 3.35V (typ.) and transitions to a 3/2x gain when the input
voltage is above 3.35V (typ.). For the 4.1V mode, the device utilizes the 3/2x gain for the entire input voltage
range.
The two phases of the switched capacitor switching cycle will be referred to as the "phase one" and the "phase
two". During phase one, one flying capacitor is charged by the input supply while the other flying capacitor is
connected to the output and delivers charge to the load . After half of the switching cycle [ t = 1/(2×FSW) ], the
LM2757 switches to phase two. In this configuration, the capacitor that supplied charge to the load in phase one
is connected to the input to be recharged while the capacitor that had been charged in the previous phase is
connected to the output to deliver charge. With this topology, output ripple is reduced by delivering charge to the
output in every phase.
The LM2757 uses fixed frequency pre-regulation to regulate the output voltage. The input and output
connections of the flying capacitors are made with internal MOS switches. Pre-regulation limits the gate drive of
the MOS switch connected between the voltage input and the flying capacitors. Controlling the on resistance of
this switch limits the amount of charge transferred into and out of each flying capacitor during the charge and
discharge phases, and in turn helps to keep the output ripple very low.
EFFICIENCY PERFORMANCE
Charge-pump efficiency is derived in the following two ideal equations (supply current and other losses are
neglected for simplicity):
IIN = G × IOUT E = (VOUT × IOUT) ÷ (VIN × IIN) = VOUT ÷ (G × VIN)
(1)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2757


Numéro de pièce similaire - LM2757_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
More results

Description similaire - LM2757_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com