Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V-162-3C6 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce V-162-3C6
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

V-162-3C6 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button V-162-3C6 Datasheet HTML 3Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 4Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 5Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 6Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 7Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 8Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 9Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 10Page - List of Unclassifed Manufacturers V-162-3C6 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
V
Miniature Basic Switch
V
Hinge lever
Solder terminals
(A)
SPDT
2.45N
V-152-1A6
---
V-152-1A6-T
---
SPST-NC
V-152-2A6
---
---
---
SPST-NO
V-152-3A6
---
---
---
SPDT
1.23N
V-152-1A5
V-102-1A5
V-152-1A5-T
V-102-1A5-T
SPST-NC
V-152-2A5
V-102-2A5
---
---
SPST-NO
V-152-3A5
V-102-3A5
---
---
SPDT
0.59N
---
V-102-1A4
---
V-102-1A4-T
SPST-NC
---
V-102-2A4
---
---
SPST-NO
---
V-102-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
V-152-1C26
---
V-152-1C26-T
---
SPST-NC
V-152-2C26
---
---
---
SPST-NO
V-152-3C26
---
---
---
SPDT
1.23N
V-152-1C25
V-102-1C25
V-152-1C25-T
V-102-1C25-T
SPST-NC
V-152-2C25
V-102-2C25
---
---
SPST-NO
V-152-3C25
V-102-3C25
---
---
SPDT
0.59N
---
V-102-1C24
---
V-102-1C24-T
SPST-NC
---
V-102-2C24
---
---
SPST-NO
---
V-102-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-152-1C6
---
V-152-1C6-T
---
SPST-NC
V-152-2C6
---
---
---
SPST-NO
V-152-3C6
---
---
---
SPDT
1.23N
V-152-1C5
V-102-1C5
V-152-1C5-T
V-102-1C5-T
SPST-NC
V-152-2C5
V-102-2C5
---
---
SPST-NO
V-152-3C5
V-102-3C5
---
---
SPDT
0.59N
---
V-102-1C4
---
V-102-1C4-T
SPST-NC
---
V-102-2C4
---
---
SPST-NO
---
V-102-3C4
---
---
Long hinge lever
Solder terminals
(A)
SPDT
1.27N
V-153-1A6
---
V-153-1A6-T
---
SPST-NC
V-153-2A6
---
---
---
SPST-NO
V-153-3A6
---
---
---
SPDT
0.69N
V-153-1A5
V-103-1A5
V-153-1A5-T
V-103-1A5-T
SPST-NC
V-153-2A5
V-103-2A5
---
---
SPST-NO
V-153-3A5
V-103-3A5
---
---
SPDT
0.34N
---
V-103-1A4
---
V-103-1A4-T
SPST-NC
---
V-103-2A4
---
---
SPST-NO
---
V-103-3A4
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
1.27N
V-153-1C26
---
V-153-1C26-T
---
SPST-NC
V-153-2C26
---
---
---
SPST-NO
V-153-3C26
---
---
---
SPDT
0.69N
V-153-1C25
V-103-1C25
V-153-1C25-T
V-103-1C25-T
SPST-NC
V-153-2C25
V-103-2C25
---
---
SPST-NO
V-153-3C25
V-103-3C25
---
---
SPDT
0.34N
---
V-103-1C24
---
V-103-1C24-T
SPST-NC
---
V-103-2C24
---
---
SPST-NO
---
V-103-3C24
---
---
Quick-connect
terminals (#250)
(C)
SPDT
1.27N
V-153-1C6
---
V-153-1C6-T
---
SPST-NC
V-153-2C6
---
---
---
SPST-NO
V-153-3C6
---
---
---
SPDT
0.69N
V-153-1C5
V-103-1C5
V-153-1C5-T
V-103-1C5-T
SPST-NC
V-153-2C5
V-103-2C5
---
---
SPST-NO
V-153-3C5
V-103-3C5
---
---
SPDT
0.34N
---
V-103-1C4
---
V-103-1C4-T
SPST-NC
---
V-103-2C4
---
---
SPST-NO
---
V-103-3C4
---
---
Ratings
15A
10A
Heat-resistive
Actuator
Terminals
Contact form
Maximum operating force (OF)
15A
10A
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Numéro de pièce similaire - V-162-3C6

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-162-3C6 OMRON-V-162-3C6 Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
V-162-3C6 OMRON-V-162-3C6 Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
More results

Description similaire - V-162-3C6

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com