Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ23608 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ23608
Description  8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23608 Fiches technique(HTML) 5 Page - Texas Instruments

  LMZ23608 Datasheet HTML 1Page - Texas Instruments LMZ23608 Datasheet HTML 2Page - Texas Instruments LMZ23608 Datasheet HTML 3Page - Texas Instruments LMZ23608 Datasheet HTML 4Page - Texas Instruments LMZ23608 Datasheet HTML 5Page - Texas Instruments LMZ23608 Datasheet HTML 6Page - Texas Instruments LMZ23608 Datasheet HTML 7Page - Texas Instruments LMZ23608 Datasheet HTML 8Page - Texas Instruments LMZ23608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMZ23608
www.ti.com
SNVS708D – MARCH 2011 – REVISED OCTOBER 2011
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 12V, VOUT = 3.3V
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
SYSTEM PARAMETERS
Enable Control
VEN
EN threshold
VEN rising
1.096
1.274
1.452
V
IEN-HYS
EN hysteresis source current
VEN > 1.274V
13
µA
Soft-Start
ISS
SS source current
VSS = 0V
40
50
60
µA
tSS
Internal soft-start interval
1.6
msec
Current Limit
ICL
Current limit threshold
d.c. average
10.5
A
Internal Switching Oscillator
fosc
Free-running oscillator frequency
Sync input connected to ground
314
359
404
kHz
fsync
Synchronization range
Vsync = 3.3Vp-p
314
600
kHz
VIL-sync
Synchronization logic zero
Relative to AGND
0.4
V
amplitude
VIH-sync
Synchronization logic one
Relative to AGND
1.8
V
amplitude
Sync d.c.
Synchronization duty cycle range
15
50
85
%
Regulation and Over-Voltage Comparator
VFB
In-regulation feedback voltage
VSS >+ 0.8V
0.775
0.795
0.815
V
IO = 8A
VFB-OV
Feedback over-voltage protection
0.86
V
threshold
IFB
Feedback input bias current
5
nA
IQ
Non Switching Quiescent Current
SYNC = 3.0V
3
mA
ISD
Shut Down Quiescent Current
VEN = 0V
32
μA
Dmax
Maximum Duty Factor
85
%
Thermal Characteristics
TSD
Thermal Shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis
Falling
15
°C
θJA
Junction to Ambient (3)
Natural Convection
9.9
°C/W
225 LFPM
6.8
500 LFPM
5.2
θJC
Junction to Case
1.0
°C/W
PERFORMANCE PARAMETERS(4)
ΔVO
Output voltage ripple
BW@ 20 MHz
24
mV PP
ΔVO/ΔVIN
Line regulation
VIN = 12V to 20V, IOUT= 8A
±0.2
%
ΔVO/ΔIOUT
Load regulation
VIN = 12V, IOUT= 0.001A to 8A
1
mV/A
η
Peak efficiency
VIN = 12V VOUT = 3.3V IOUT = 5A
89.5
%
η
Full load efficiency
VIN = 12V VOUT = 3.3V IOUT = 8A
88.5
%
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Theta JA measured on a 3.0” x 3.5” four layer board, with two ounce copper on outer layers and one ounce copper on inner layers, two
hundred and ten 12 mil thermal vias, and 2W power dissipation. Refer to evaluation board application note layout diagrams.
(4)
Refer to BOM in Table 1.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ23608


Numéro de pièce similaire - LMZ23608

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608TZ TI1-LMZ23608TZ Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608TZ TI1-LMZ23608TZ Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ23608TZ/NOPB TI1-LMZ23608TZ/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ23608TZE TI1-LMZ23608TZE Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
More results

Description similaire - LMZ23608

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com