Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2731 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2731
Description  0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2731 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2731 Datasheet HTML 1Page - Texas Instruments LM2731 Datasheet HTML 2Page - Texas Instruments LM2731 Datasheet HTML 3Page - Texas Instruments LM2731 Datasheet HTML 4Page - Texas Instruments LM2731 Datasheet HTML 5Page - Texas Instruments LM2731 Datasheet HTML 6Page - Texas Instruments LM2731 Datasheet HTML 7Page - Texas Instruments LM2731 Datasheet HTML 8Page - Texas Instruments LM2731 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM2731
SNVS217E – MAY 2004 – REVISED APRIL 2010
www.ti.com
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified: VIN = 5V, VSHDN = 5V, IL = 0A.
Min
Typical
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
VIN
Input Voltage
2.7
14
V
VOUT (MIN)
Minimum Output Voltage
RL = 43Ω
VIN = 2.7V
5.4
7
V
Under Load
X Option
VIN = 3.3V
8
10
(3)
VIN = 5V
13
17
RL = 43Ω
VIN = 2.7V
8.25
10
Y Option
VIN = 3.3V
10.5
12
(3)
VIN = 5V
14
16
RL = 15Ω
VIN = 2.7V
3.75
5
X Option
VIN = 3.3V
5
6.5
(3)
VIN = 5V
8.75
11
RL = 15Ω
VIN = 2.7V
5
6
Y Option
VIN = 3.3V
5.5
7.5
(3)
VIN = 5V
9
11
ISW
Switch Current Limit
(4)
1.8
2
A
1.4
RDS(ON)
Switch ON Resistance
ISW = 100 mA
260
400
m
Vin = 5V
500
ISW = 100 mA
300
450
Vin = 3.3V
550
SHDNTH
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.50
ISHDN
Shutdown Pin Bias Current VSHDN = 0
0
µA
VSHDN = 5V
0
2
VFB
Feedback Pin Reference
VIN = 3V
1.205
1.230
1.255
V
Voltage
IFB
Feedback Pin Bias Current
VFB = 1.23V
60
500
nA
IQ
Quiescent Current
VSHDN = 5V, Switching "X"
2
3.0
mA
VSHDN = 5V, Switching "Y"
1.0
2
VSHDN = 5V, Not Switching
400
500
µA
VSHDN = 0
0.024
1
FB Voltage Line
2.7V
≤ VIN ≤ 14V
0.02
%/V
Regulation
(1)
FSW
Switching Frequency
“X” Option
1
1.6
1.85
MHz
(5)
“Y” Option
0.40
0.60
0.8
DMAX
Maximum Duty Cycle
“X” Option
86
93
%
(5)
“Y” Option
92
96
IL
Switch Leakage
Not Switching VSW = 5V
1
µA
(1)
Limits are guaranteed by testing, statistical correlation, or design.
(2)
Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most
likely expected value of the parameter at room temperature.
(3)
L = 10 µH, COUT = 4.7 µF, duty cycle = maximum
(4)
Switch current limit is dependent on duty cycle (see Typical Performance Characteristics).
(5)
Guaranteed limits are the same for Vin = 3.3V input.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LM2731


Numéro de pièce similaire - LM2731

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731 Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
More results

Description similaire - LM2731

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com