Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2623 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2623
Description  General Purpose, Gated Oscillator Based, DC/DC Boost Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2623 Fiches technique(HTML) 1 Page - Texas Instruments

  LM2623 Datasheet HTML 1Page - Texas Instruments LM2623 Datasheet HTML 2Page - Texas Instruments LM2623 Datasheet HTML 3Page - Texas Instruments LM2623 Datasheet HTML 4Page - Texas Instruments LM2623 Datasheet HTML 5Page - Texas Instruments LM2623 Datasheet HTML 6Page - Texas Instruments LM2623 Datasheet HTML 7Page - Texas Instruments LM2623 Datasheet HTML 8Page - Texas Instruments LM2623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2623
www.ti.com
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
Check for Samples: LM2623
1
FEATURES
<2.5µA Guaranteed Supply Current In
Shutdown
2
Good Efficiency Over a Very Wide Load Range
4mm x 4mm Thermally Enhanced LLP Package
Very Low Output Voltage Ripple
Option
Small, Mini-SO-8 Package (Half the Footprint
of Standard 8 pin SO Package)
APPLICATIONS
1.09 mm Package Height
Cameras, Pagers and Cell Phones
Up to 2 MHz Switching Frequency
PDAs,Palmtop Computers, GPS devices
.8V to 14V Operating Voltage
White LED Drive, TFT or Scanned LCDs
1.1V Start-up Voltage
Flash Memory Programming
1.24V - 14V Adjustable Output Voltage
Hand-Held Instruments
Up to 2A Load Current at low Output Voltages
1, 2, 3 or 4 Cell Alkaline Systems
0.17
Ω Internal MOSFET
1, 2 or 3 Cell Lithium-ion Systems
Up to 90% Regulator Efficiency
80 µA Typical Operating Current (into VDD pin
of supply)
DESCRIPTION
The LM2623 is a high efficiency, general purpose, step-up DC-DC switching regulator for battery-powered and
low input voltage systems. It accepts an input voltage between .8 and 14 volts and converts it into a regulated
output voltage between 1.24 and 14 volts. Efficiencies up to 90% are achievable with the LM2623.
In order to adapt to a number of applications, the LM2623 allows the designer to vary the output voltage, the
operating frequency (300kHz to 2 MHz) and duty cycle (17% to 90%) to optimize the part's performance. The
selected values can be fixed or can vary with battery voltage or input to output voltage ratio. The LM2623 uses a
very simple, on/off regulation mode to produce good efficiency and stable operation over a wide operating range.
It normally regulates by skipping switching cycles when it reaches the regulation limit (Pulse Frequency
Modulation).
Note: Please read the "Non-Linear Effect" and "Choosing The Correct C3 Capacitor" sub-sections of the Design
Procedure section of this data sheet, so that any challenges with designing with this part can be taken into
account before a board design/layout is finalized.
For Alternative Solutions, See Also: LM2700, LM2622, LM2731, LM2733, and LM2621.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM2623

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623 Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results

Description similaire - LM2623

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623-Q1 TI1-LM2623-Q1 Datasheet
428Kb / 20P
[Old version datasheet]   Automotive Gated-Oscillator-Based DC-DC Boost Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com