Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME1-5SAZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AME1-5SAZ
Description  AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AME1-5SAZ Fiches technique(HTML) 1 Page - AIMTEC

  AME1-5SAZ Datasheet HTML 1Page - AIMTEC AME1-5SAZ Datasheet HTML 2Page - AIMTEC AME1-5SAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME1-AZ
1Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.B
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AME1-3.3SAZ
90-305/47-440
130-430
-40 to +80
3.3
300
2200
62
59
58
AME1-5SAZ
90-305/47-440
130-430
-40 to +80
5
200
1100
58
57
56
AME1-12SAZ
90-305/47-440
130-430
-40 to +80
12
83
680
73
68
65
AME1-15SAZ
90-305/47-440
130-430
-40 to +80
15
67
560
77
68
70
AME1-24SAZ
90-305/47-440
130-430
-40 to +80
24
42
470
79
79
77
AME1-3.3SBAZ
90-528/47-440
130-745
-40 to +80
3.3
300
2200
51
51
50
44
AME1-5SBAZ
90-528/47-440
130-745
-40 to +80
5
200
1100
57
57
56
50
AME1-12SBAZ
90-528/47-440
130-745
-40 to +80
12
83
680
62
62
60
51
AME1-15SBAZ
90-528/47-440
130-745
-40 to +80
15
67
560
61
59
58
50
AME1-24SBAZ
90-528/47-440
130-745
-40 to +80
24
42
470
58
58
56
48
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
25
mA
230 VAC
20
mA
277 VAC
15
mA
480VAC
5
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
15
A
277 VAC
20
A
480 VAC
30
A
Leakage current
0.15
mA
External fuse
Recommended slow blow type
1
A
Input Dissipation (No Load)
0.5
W
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load (typical)*
±5
%
Line regulation
LL-HL, Full Load
±1.5
%
Load regulation (single output)
0-100% load (typical)*
±5
%
Transient Recovery Time
200
µs
Transient Response Deviation
25% load step
±2
% of Vout
Minimum load
0
%
Ripple & Noise
3.3/5 VAC With 560µF E/C
200
mV p-p
12/15 VAC With 220µF E/C
400
mV p-p
24 VAC With 220µF E/C
500
mV p-p
*Ripple &Noisemeasuredat 20MHz bandwidth with 0.1µFand 115/230/277/480 VAC( Typical input ) with Full Load
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
I/O Isolation 3000VAC
RoHS compliant
Operating Temp: -40°C to +80°C
Input: 90-305VAC, 47-440Hz, or 130-430 VDC
Optional 90-528VAC, 47-440Hz, or 130-745 VDC
Energy Star compliant
Ultra small package
Over load, Short Circuit Protection
Click on Series name for product info on aimtec.com


Numéro de pièce similaire - AME1-5SAZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME1-5SAZ AIMTEC-AME1-5SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-5SAZ AIMTEC-AME1-5SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Description similaire - AME1-5SAZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com