Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS23751 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS23751
Description  IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS23751_14 Datasheet HTML 7Page - Texas Instruments TPS23751_14 Datasheet HTML 8Page - Texas Instruments TPS23751_14 Datasheet HTML 9Page - Texas Instruments TPS23751_14 Datasheet HTML 10Page - Texas Instruments TPS23751_14 Datasheet HTML 11Page - Texas Instruments TPS23751_14 Datasheet HTML 12Page - Texas Instruments TPS23751_14 Datasheet HTML 13Page - Texas Instruments TPS23751_14 Datasheet HTML 14Page - Texas Instruments TPS23751_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
1
SLPb
MPS
MODE
Oscillator
1
Sleep
Frequency
Divider
Soft Start
Complete
Sleep
MPS
VB
WAKE
Sleep
APD
MPS
+
Sleep
VREF
LED
VC
ARTN
VB
Sleep
Sleep
MPS
Regulator
D
CLR
CLK
Q
Q
D
CLR
CLK
Q
Q
D
CLR
CLK
Q
Q
TPS23751
TPS23752
www.ti.com
SLVSB97A – JULY 2012 – REVISED AUGUST 2012
SLEEP MODE FUNCTIONALITY (TPS23752 ONLY)
PIN DESCRIPTION
The following descriptions refer to the schematic of Figure 1 and the Functional Block Diagrams.
APD: (Auxiliary Power Detect): The APD pin is used in applications that may draw power either from the
Ethernet cable or from an auxiliary power source. A voltage of more than about 1.5 V on the APD pin relative to
RTN turns off the internal pass MOSFET, disables the CLS output, and enables the T2P output. A resistor
divider (RAPD1–RAPD2 in Figure 1) provides system-level ESD protection for the APD pin, discharges leakage from
the blocking diode (DA in Figure 1), and provides input voltage supervision to ensure that switch-over to the
auxiliary voltage source does not occur at excessively low voltages. If not used, connect APD to ARTN. When
the TPS23752 operates in Sleep Mode, holding APD higher than its rising threshold, VAPDEN, disables the
maintain power signature (MPS).
ARTN: The ARTN pin is the local ground return for the DC-DC controller. Connections to the ARTN pin should
return to a local ground plane beneath the DC-DC converter primary circuitry. For most applications, this ground
plane should also connect to RTN.
CLS: An external resistor (RCLS in Figure 1) connected between the CLS pin and VSS provides a classification
signature to the PSE. The controller places a voltage of approximately 2.5 V across the external resistor
whenever the voltage differential between VDD and VSS lies between about 10.9 V and 22 V. The current drawn
by this resistor, combined with the internal current drain of the controller and any leakage through the internal
pass MOSFET, creates the classification current. Table 1 lists the external resistor values required for each of
the PD power ranges defined by IEEE802.3at. The maximum average power drawn by the PD, including all
losses within the DC-DC converter as well as power supplied to the downstream load, should not exceed the
maximum power indicated in Table 1. Holding APD high disables the classification signature.
High-power PSEs may perform two classification cycles if Class 4 is presented on the first cycle.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS23751 TPS23752


Numéro de pièce similaire - TPS23751_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS23751 TI1-TPS23751_15 Datasheet
1Mb / 52P
[Old version datasheet]   Wide Range High Efficiency DC-DC Controller
More results

Description similaire - TPS23751_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS23758 TI1-TPS23758 Datasheet
185Kb / 9P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23758 TI1-TPS23758_19 Datasheet
2Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23751 TI1-TPS23751_15 Datasheet
1Mb / 52P
[Old version datasheet]   Wide Range High Efficiency DC-DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com