Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25037-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25037-Q1
Description  Dual-Mode PWM Controller With Alternating Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  LM25037-Q1 Datasheet HTML 1Page - Texas Instruments LM25037-Q1 Datasheet HTML 2Page - Texas Instruments LM25037-Q1 Datasheet HTML 3Page - Texas Instruments LM25037-Q1 Datasheet HTML 4Page - Texas Instruments LM25037-Q1 Datasheet HTML 5Page - Texas Instruments LM25037-Q1 Datasheet HTML 6Page - Texas Instruments LM25037-Q1 Datasheet HTML 7Page - Texas Instruments LM25037-Q1 Datasheet HTML 8Page - Texas Instruments LM25037-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM25037
UVLO
PGND
AGND
COMP
OUTB
OUTA
VCC
SS
RT1
REF
RES
CS
VIN
VIN
VOUT
RT2
FB
RAMP
Isolated
Feedback
LM25037, LM25037-Q1
www.ti.com
SNVS572C – JULY 2008 – REVISED JANUARY 2010
LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
Check for Samples: LM25037, LM25037-Q1
1
FEATURES
Oscillator Synchronization Capability with Low
Frequency Lockout Protection
2
LM25037-Q1 is an Automotive Grade Product
DESCRIPTION
that is AEC-Q100 Grade 1 Qualified (-40°C to
The LM25037 PWM controller contains all the
125°C Operating Junction Temperature)
features necessary to implement balanced double-
Ultra Wide Input Operating Range from 5.5V to
ended power converter topologies, such as push-pull,
75V
half-bridge
and
full-bridge.
These
double-ended
Alternating Outputs for Double-ended
topologies allow for higher efficiencies and greater
power densities compared to common single-ended
Topologies
topologies such as the flyback and forward. The
Current-mode or Feed-forward Voltage-mode
LM25037 can be configured for either voltage mode
Control
or current mode control with minimum external
Programmable Maximum Duty Cycle Limit
components. Two alternating gate drive outputs are
provided, each capable of 1.2A peak output current.
2.0% Feedback Reference Accuracy
The LM25037 can be configured to operate directly
High Gain-bandwidth Error Amplifier
from the input voltage rail over an ultra-wide range of
Programmable Line Under-voltage Lockout
5.5V
to
75V.
Additional
features
include
(UVLO) with Adjustable Hysteresis
programmable maximum duty cycle limit, line under-
voltage lockout, cycle-by-cycle current limit and a
Versatile Dual Mode Over-current Protection
hiccup mode fault protection with adjustable timeout
with Hiccup Delay Timer
delay, soft-start and a 2 MHz capable oscillator with
Programmable Soft-start
synchronization capability, precision reference and
Precision 5V Reference Output
thermal shutdown.
Current Sense Leading Edge Blanking
PACKAGE
Resistor Programmed 2 MHz Capable
Oscillator
16-Lead TSSOP
Simplified Push-Pull Power Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM25037-Q1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037MT NSC-LM25037MT Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MT TI1-LM25037MT Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037MT/NOPB TI-LM25037MT/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Description similaire - LM25037-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com