Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1206R333KNT Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce U1206R333KNT
Description  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

U1206R333KNT Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  U1206R333KNT Datasheet HTML 1Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 2Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 3Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 4Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 5Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 6Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 7Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 8Page - List of Unclassifed Manufacturers U1206R333KNT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 3
27/04/06 V1.0
Structure
Ag/Pd Series
Number
Specifications
Material
Minimum Termination
Plating Thickness
(
µµ m)
1
Ceramic Dielectric
Ceramic
2
Internal Electrode
Ag-Pd
3
End Terminal
Ag layer
40
4
Ni layer
1.5 - 3.5
5
Sn-Pb layer or Sn layer
3 - 8
BME Series
Number
Specifications
Material
Minimum Termination
Plating Thickness
(
µµ m)
1
Ceramic Dielectric
Ceramic
2
Internal Electrode
Ni
3
End Termination
Cu layer
40
4
Ni layer
1.5 - 3.5
5
Sn-Pb layer or Sn layer
3 - 8
Storing Condition And Term
Recommends the storing of products within 6 months at temperature 15 ~ 35°C and humidity 70%RH maximum. If the product stored
over 6 months, please reconfirm its solderability before use.


Numéro de pièce similaire - U1206R333KNT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
U1206R220BCT ETC2-U1206R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220BCT ETC2-U1206R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220CCT ETC2-U1206R220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220DCT ETC2-U1206R220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220FCT ETC2-U1206R220FCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Description similaire - U1206R333KNT

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com