Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3551 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM3551
Description  1A White LED Driver with Flash Timeout Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Fiches technique(HTML) 3 Page - Texas Instruments

  LM3551_14 Datasheet HTML 1Page - Texas Instruments LM3551_14 Datasheet HTML 2Page - Texas Instruments LM3551_14 Datasheet HTML 3Page - Texas Instruments LM3551_14 Datasheet HTML 4Page - Texas Instruments LM3551_14 Datasheet HTML 5Page - Texas Instruments LM3551_14 Datasheet HTML 6Page - Texas Instruments LM3551_14 Datasheet HTML 7Page - Texas Instruments LM3551_14 Datasheet HTML 8Page - Texas Instruments LM3551_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM3551, LM3552
www.ti.com
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
Absolute Maximum Ratings
(1) (2) (3)
VIN pin: Voltage to GND
7.5V
SW pin: Voltage to GND
21V
FB pin: Voltage to GND
7V
VC pin: Voltage to GND
1.26V ± 0.3V
SD,T/F pins: Voltage to GND
7.5V
FET-T, FET-F: Voltage to GND
6V
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX )
150°C
Storage Temperature Range
-65°C to +150
ESD Rating(5)
Human Body Model
2.0kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=140ºC (typ.) and
disengages at TJ=120ºC (typ.).
(5)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. (MIL-STD-883 3015.7)
Operating Ratings
(1) (2)
Input Voltage Range
2.7V to 5.5V
SW Voltage Max.(3)
20V
Junction Temperature (TJ) Range
-40°C to +110°C
Ambient Temperature (TA) Range
(4)
-40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Maximum recommended SW pin voltage when the OVP pin is grounded.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
110ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA), NHL0014B Package
(1)
37.3°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3551 LM3552


Numéro de pièce similaire - LM3551_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3551SD NSC-LM3551SD Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551SD NSC-LM3551SD Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551SD/NOPB TI1-LM3551SD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3551SDX NSC-LM3551SDX Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551SDX NSC-LM3551SDX Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results

Description similaire - LM3551_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com