Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N08DPB681K Fiches technique(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce N08DPB681K
Description  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

N08DPB681K Fiches technique(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

  N08DPB681K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc N08DPB681K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc N08DPB681K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc N08DPB681K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc N08DPB681K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc N08DPB681K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5
373
アイテム一覧 PART NUMBERS
N 0 8DPA1R0M
N 0 8DPA1R5M
N 0 8DPA2R2M
N 0 8DPA3R3M
N 0 8DPA4R7M
N 0 8DPA6R8M
N 0 8DPA100K
N 0 8DPA120K
N 0 8DPA150K
N 0 8DPA180K
N 0 8DPA220K
N 0 8DPA270K
N 0 8DPA330K
N 0 8DPA390K
N 0 8DPA470K
N 0 8DPA560K
N 0 8DPA680K
N 0 8DPA820K
N 0 8DPA101K
N 0 8DPA121K
N 0 8DPA151K
N 0 8DPA181K
N 0 8DPA221K
N 0 8DPA271K
N 0 8DPA331K
N 0 8DPA391K
N 0 8DPA471K
N 0 8DPA561K
N 0 8DPA681K
N 0 8DPA821K
N 0 8DPA102 J
N08DPA
非シールドタイプ Non-Shielded type
1kHz
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
自己共振
周波 数
SelfKresonant
frequency
h
MHzi
f
min.g
直流抵抗
DC
Resistance
hEi
f
max.g
定格電流
Rated
current
h
Ai
f
max.g
測 定
周波数
Measuring
frequency
N 0 8DPB1R0M
N 0 8DPB1R5M
N 0 8DPB2R2M
N 0 8DPB3R3M
N 0 8DPB4R7M
N 0 8DPB6R8M
N 0 8DPB100K
N 0 8DPB120K
N 0 8DPB150K
N 0 8DPB180K
N 0 8DPB220K
N 0 8DPB270K
N 0 8DPB330K
N 0 8DPB390K
N 0 8DPB470K
N 0 8DPB560K
N 0 8DPB680K
N 0 8DPB820K
N 0 8DPB101K
N 0 8DPB121K
N 0 8DPB151K
N 0 8DPB181K
N 0 8DPB221K
N 0 8DPB271K
N 0 8DPB331K
N 0 8DPB391K
N 0 8DPB471K
N 0 8DPB561K
N 0 8DPB681K
N 0 8DPB821K
N 0 8DPB102 J
N08DPB
非シールドタイプ Non-Shieled type
1kHz
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
自己共振
周波 数
SelfKresonant
frequency
h
MHzi
f
min.g
直流抵抗
DC
Resistance
hEi
f
max.g
定格電流
Rated
current
h
Ai
f
max.g
測 定
周波数
Measuring
frequency
1.0
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
M
20%
86
69
58
50
30
21
18
16
14
13
11
10
9.5
8.9
8.6
8.3
7.9
7.3
6.7
6.5
6.0
4.9
4.1
3.4
3.2
2.9
2.6
2.4
2.2
1.9
1.8
0.028
0.030
0.036
0.039
0.047
0.057
0.066
0.077
0.087
0.092
0.11
0.12
0.14
0.15
0.17
0.19
0.23
0.30
0.35
0.40
0.55
0.62
0.80
0.90
1.1
1.2
1.5
1.7
2.4
2.6
3.1
3.9
3.4
3.2
3.0
2.6
2.4
2.2
2.1
2.0
1.9
1.8
1.6
1.55
1.5
1.4
1.35
1.3
1.1
1.05
0.95
0.80
0.76
0.66
0.63
0.59
0.54
0.50
0.45
0.38
0.36
0.34
M
10%
M
5%
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
1.0
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
4.0
3.7
3.4
3.2
2.7
2.4
2.2
2.1
2.0
1.9
1.8
1.5
1.4
1.3
1.2
1.1
1.0
0.94
0.82
0.79
0.75
0.68
0.63
0.56
0.48
0.45
0.41
0.38
0.36
0.33
0.27
M
20%
M
10%
M
5%
98
73
56
42
32
26
21
20
17
16
14
13
12
11
10
9.2
8.3
7.6
7.3
6.8
6.2
5.8
5.0
4.5
4.2
4.0
3.0
2.7
2.5
2.4
2.1
0.023
0.028
0.032
0.037
0.047
0.057
0.069
0.074
0.087
0.099
0.12
0.15
0.18
0.19
0.22
0.29
0.34
0.39
0.49
0.54
0.66
0.75
0.92
1.1
1.5
1.7
2.1
2.4
2.7
3.1
4.4
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS


Numéro de pièce similaire - N08DPB681K

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

Description similaire - N08DPB681K

FabricantNo de pièceFiches techniqueDescription
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com