Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N08DPA2R2M Fiches technique(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce N08DPA2R2M
Description  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

N08DPA2R2M Fiches technique(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  N08DPA2R2M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc N08DPA2R2M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc N08DPA2R2M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc N08DPA2R2M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc N08DPA2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc N08DPA2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
371
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
直流抵抗
DC
Resistance
h
mEi
定格電流 ※)
Rated current
h
Ai
直流重畳許容電流
Saturation current
Idc1
温度上昇許容電流
Temperature rise current
Idc2
1.0
85
0.021
1.5
69
0.025
2.2
M
20%
51
0.032
3.3
45
0.040
4.7
35
0.049
6.8
30
0.070
10
25
0.10
15
24
0.16
22
18
0.22
33
M
10%
14
0.35
47
12
0.43
68
9.7
0.66
100
8.3
0.83
3.7
3.2
2.9
2.5
2.2
2.1
1.6
1.40
1.20
0.80
0.75
0.65
0.55
1kHz
N05DB
非シールドタイプ Non-Shielded type
形  名
Ordering code
公  称
インダクタンス
Inductance
[AH]
インダクタンス
許容差
Inductance
Tolerance
直流抵抗
DC
Resistance
hEi
f
max.g
定格電流
Rated
current
h
Ai
f
max.g
測 定
周波数
Measuring
frequency
自己共振
周 波 数
SelfKresonant
frequency
h
MHzi
f
min.g
N0 5DB 1R0M
N0 5DB 1R5M
N0 5DB 2R2M
N0 5DB 3R3M
N0 5DB 4R7M
N0 5DB 6R8M
N0 5DB 1 0 0K
N0 5DB 1 5 0K
N0 5DB 2 2 0K
N0 5DB 3 3 0K
N0 5DB 4 7 0K
N0 5DB 6 8 0K
N0 5DB 1 0 1K
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
M
20%
86
68
54
41
34
26
25
20
16
13
11
9.5
7.7
19
23
26
31
38
53
62
97
150
240
400
460
840
4.20
3.70
3.00
2.40
2.00
1.70
1.40
1.10
0.90
0.76
0.66
0.54
0.45
4.50
4.20
3.70
3.20
3.00
2.40
2.10
1.70
1.26
1.08
0.77
0.68
0.49
1kHz
f
max.g
NP05DZB
シールドタイプ Shielded type
NP0 5DZB 1R0M
NP0 5DZB 1R5M
NP0 5DZB 2R2M
NP0 5DZB 3R3M
NP0 5DZB 4R7M
NP0 5DZB 6R8M
NP05DZB 1 00M
NP05DZB 1 50M
NP05DZB 2 20M
NP05DZB 3 30M
NP05DZB 4 70M
NP05DZB 6 80M
NP05DZB 1 01M
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
RoHS
アイテム一覧 PART NUMBERS
※)直流重畳許容電流(Idc1)は、直流重畳によるインダクタンス低下が30%以内となる直流電流値 (at 20℃)
The saturation current value(Idc1) is the DC current value having inductance decrease down to 30%. (at 20
℃)
※)温度上昇許容電流(Idc2)は、温度上昇が40℃となる直流電流値 (at 20℃)
The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40
℃. (at 20℃)
※)定格電流値は直流重畳許容電流、または温度上昇許容電流をいずれも満足する直流電流値
The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.


Numéro de pièce similaire - N08DPA2R2M

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

Description similaire - N08DPA2R2M

FabricantNo de pièceFiches techniqueDescription
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com