Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS107L-F-2 Fiches technique(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No de pièce TS107L-F-2
Description  VOLTAGE SIGNAL INPUT & CURRENT SIGNAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TS107L-F-2 Fiches technique(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TS107L-F-2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TS107L-F-2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TS107L-F-2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TS107L-F-2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TxxxxL-F
2013.12.11-A/0
Page
1 of4
FEATURES
l Output loop-powered
l High accuracy (0.1% F.S.)
l High linearity (0.1% F.S.)
l High isolation voltage(2KVAC/1mA)
l Small size: SIP9 (26*9.5*12.5mm)
l Extremely low temperature drift:50PPM/℃
l Operating temperature range: -40
°C ~
+85
°C
l ESD protection(
±4KV)
GENERAL DESCRIPTION
TxxxxL-F is a voltage input and two-wire current output
loop-powered signal conditioning module.After the adoption of
the current loop feed-level approach to the pre-power devices
and equipment received from the preceding stage output
voltage signal.The isolation module output 4 ~ 20mA standard
two-wire current signal.
This product
incorporates
a unique
electromagnetic
isolation mode and high performance level after feeding
technology, the voltage signal toa4~ 20mA standard signal
isolation accurate conversion, can be used witha variety of
instruments analog input port (such as PLC, DCS systems,
etc.) to match.
In addition, this module has extremely small form factor
(SIP9) and excellent temperature drift characteristics (at -40
℃ ~ +85 ℃ operating temperature range drift is less than
50PPM/ ℃), the input and output ends of energy bear 2KVAC
isolation voltage.
TWO-WIRE
LOOP-POWERED
SIGNAL CONDITIONING
MODULES
VOLTAGE SIGNAL INPUT & CURRENT SIGNAL
OUTPUT
——TxxxxL-F
PART NUMBER SYSTEM
TxxxxL-F
Loop-powered series
Isolation power output
Power supply
Signal output
Signal input
Product series
Package
SELECTION GUIDE
Model
Loop Supply Voltage
Distribution Voltage
Input Signal
Output Signal
Channels
Package
TS107L-F-2
10~24VDC
3.3V
0~2V
4~20mA
1
SIP9
ELECTRICAL SPECIFICATIONS
Input signal
Input signal
See selection guide
Input impedance
≥10MΩ
Over-load
≤5V
Distribution
Distribution voltage
See selection guide
Distribution voltage accuracy
±3%
Maximum load current
≥3mA
Short circuit protection
Sustainable distribution circuit; withdrawal product to resume normal work aftera
fault
Output signal
Output Signal
See selection guide
The Min. supply voltage
10V(Signal output load)
The Max. supply voltage
30V;(Need to consider power consumption, long-term work in the 30V power
supply, no-load status may overheat and damage the module)
The power port equivalent capacitance
≤2.2
μF*1.05
Load ability
RL
≤(Vin–10)/0.02 Ω
Us:Loop supply voltage
Load regulation
≤0.05%F.S./100Ω
Ripple & Noise
≤30mVpp(20MHz bandwidth,250Ω/0.01μF load)


Numéro de pièce similaire - TS107L-F-2

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
TS107HL-F-2.5 MORNSUN-TS107HL-F-2.5 Datasheet
902Kb / 5P
   Signal conditioning module
More results

Description similaire - TS107L-F-2

FabricantNo de pièceFiches techniqueDescription
logo
WAGO Kontakttechnik Gmb...
857-551 WAGO-857-551 Datasheet
1,020Kb / 17P
   Current signal conditioner; Current input signal; Current and voltage output signal;
857-550 WAGO-857-550 Datasheet
1Mb / 18P
   Current signal conditioner; Current input signal; Current and voltage output signal;
857-560 WAGO-857-560 Datasheet
859Kb / 12P
   Voltage signal conditioner; Voltage input signal; Current and voltage output signal;
857-416 WAGO-857-416 Datasheet
610Kb / 11P
   Isolation amplifier; Current input signal; Voltage output signal
857-414 WAGO-857-414 Datasheet
597Kb / 11P
   Isolation amplifier; Voltage input signal; Current output signal;
857-413 WAGO-857-413 Datasheet
596Kb / 11P
   Isolation amplifier; Voltage input signal; Current output signal;
857-569 WAGO-857-569 Datasheet
843Kb / 12P
   Power signal conditioner; Current and voltage input signal; Current and voltage output signal
857-420 WAGO-857-420 Datasheet
680Kb / 10P
   Isolation amplifier; Current input signal; Current and voltage output signal;
857-411 WAGO-857-411 Datasheet
594Kb / 11P
   Isolation amplifier; Current input signal; Current output signal
857-552 WAGO-857-552 Datasheet
852Kb / 12P
   Current signal conditioner; Input for Rogowski coils; Current and voltage output signal
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com