Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N139 Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 6N139
Description  Low Input Current, High Gain Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N139 Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N139 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N139 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCNW139 and HCNW138)
Description
Symbol
Characteristic
Units
Installation Classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤600 V rms
I-IV
for rated mains voltage ≤1000 V rms
I-III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
1414
V
peak
Input to Output Test Voltage, Method b*
V
PR = 1.875 x VIORM
, 100% Production Test with t
P = 1 sec,
V
PR
2652
V
peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
PR = 1.5 x VIORM
, Type and Sample Test,
V
PR
2121
V
peak
t
P = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, t
ini = 10 sec)
V
IOTM
8000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 11, Thermal Derating curve.)
Case Temperature
T
S
175
°C
Current (Input Current IF, PS = 0)
I
S,INPUT
400
mA
Output Power
P
S,OUTPUT
700
mW
Insulation Resistance at TS, VIO = 500 V
R
S
> 109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in applica-
tion.


Numéro de pièce similaire - 6N139

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Vishay Siliconix
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
More results

Description similaire - 6N139

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com