Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBW46-G Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce CDBW46-G
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW46-G Fiches technique(HTML) 2 Page - Comchip Technology

  CDBW46-G Datasheet HTML 1Page - Comchip Technology CDBW46-G Datasheet HTML 2Page - Comchip Technology CDBW46-G Datasheet HTML 3Page - Comchip Technology CDBW46-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES
(CDBW46-G)
Page 2
QW-BA018
REV:B
Comchip Technology CO., LTD.
Small Signal Schottky Diodes
VR, DC Reverse Voltage, (V)
0
30
60
90
120
150
0
25
50
75
100
125
TA, Ambient temperature, (°C)
Fig.4 - Forward Current Derating
Fig.3 - Total Capacitance vs.
Reverse Voltage
0
15
10
20
1
10
25
5
25
30
VR, Instantaneous Reverse voltage, (V)
0.1
0.0 001
1.0
0.0 1
0
40
80
100
Fig.2 - Typical Reverse characteristics
1,0 00
100
60
20
0.0 01
O
TA=85 C
f = 1 MHz
150
Fig.1 - Typical Forward Characteristics
VF, Instantaneous Forward Voltage, (V)
0
0.8
1.8
1.0
100
0.01
0.2
0.4
0.6
1.4
1.6
0.001
0.1
10
10,000
10
O
TA=125 C
O
TA=60 C
O
TA=25 C
O
TA=-55 C
210
Note 1
5
15
20
1,000
1.0
1.2
O
TA=125 C
180
O
TA=85 C
O
TA=60 C
O
TA=25 C
O
TA=-55 C
Comchip
S M D D i o d e S p e c i a l i s t


Numéro de pièce similaire - CDBW46-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBW46-G COMCHIP-CDBW46-G Datasheet
78Kb / 4P
   Small Signal Schottky Diodes
More results

Description similaire - CDBW46-G

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com