Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ60CA Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
SMAJ60CA Fiches technique(HTML) 2 Page - Diodes Incorporated |
2 / 5 page SMAJ5.0(C)A – SMAJ200(C)A Document number: DS19005 Rev. 16 - 2 2 of 5 www.diodes.com January 2012 © Diodes Incorporated SMAJ5.0(C)A – SMAJ200(C)A Electrical Characteristics @TA = 25°C unless otherwise specified Part Number Add C For Bidirectional (Note 7) Reverse Standoff Voltage Breakdown Voltage VBR @ IT (Note 8) Test Current Max. Reverse Leakage @ VRWM (Note 9) Max. Clamping Voltage @ Ipp Max. Peak Pulse Current Ipp Marking Code VRWM (V) Min (V) Max (V) IT (mA) IR (μA) VC (V) (A) BI- UNI- SMAJ5.0(C)A 5.0 6.40 7.25 10 800 9.2 43.5 TE HE SMAJ6.0(C)A 6.0 6.67 7.37 10 800 10.3 38.8 TG HG SMAJ6.5(C)A 6.5 7.22 7.98 10 500 11.2 35.7 TK HK SMAJ7.0(C)A 7.0 7.78 8.60 10 200 12.0 33.3 TM HM SMAJ7.5(C)A 7.5 8.33 9.21 1.0 100 12.9 31.0 TP HP SMAJ8.0(C)A 8.0 8.89 9.83 1.0 50 13.6 29.4 TR HR SMAJ8.5(C)A 8.5 9.44 10.4 1.0 10 14.4 27.7 TT HT SMAJ9.0(C)A 9.0 10.0 11.1 1.0 5.0 15.4 26.0 TV HV SMAJ10(C)A 10 11.1 12.3 1.0 5.0 17.0 23.5 TX HX SMAJ11(C)A 11 12.2 13.5 1.0 5.0 18.2 22.0 TZ HZ SMAJ12(C)A 12 13.3 14.7 1.0 5.0 19.9 20.1 UE IE SMAJ13(C)A 13 14.4 15.9 1.0 5.0 21.5 18.6 UG IG SMAJ14(C)A 14 15.6 17.2 1.0 5.0 23.2 17.2 UK IK SMAJ15(C)A 15 16.7 18.5 1.0 5.0 24.4 16.4 UM IM SMAJ16(C)A 16 17.8 19.7 1.0 5.0 26.0 15.3 UP IP SMAJ17(C)A 17 18.9 20.9 1.0 5.0 27.6 14.5 UR IR SMAJ18(C)A 18 20.0 22.1 1.0 5.0 29.2 13.7 UT IT SMAJ20(C)A 20 22.2 24.5 1.0 5.0 32.4 12.3 UV IV SMAJ22(C)A 22 24.4 26.9 1.0 5.0 35.5 11.2 UX IX SMAJ24(C)A 24 26.7 29.5 1.0 5.0 38.9 10.3 UZ IZ SMAJ26(C)A 26 28.9 31.9 1.0 5.0 42.1 9.5 VE JE SMAJ28(C)A 28 31.1 34.4 1.0 5.0 45.4 8.8 VG JG SMAJ30(C)A 30 33.3 36.8 1.0 5.0 48.4 8.3 VK JK SMAJ33(C)A 33 36.7 40.6 1.0 5.0 53.3 7.5 VM JM SMAJ36(C)A 36 40.0 44.2 1.0 5.0 58.1 6.9 VP JP SMAJ40(C)A 40 44.4 49.1 1.0 5.0 64.5 6.2 VR JR SMAJ43(C)A 43 47.8 52.8 1.0 5.0 69.4 5.7 VT JT SMAJ45(C)A 45 50.0 55.3 1.0 5.0 72.7 5.5 VV JV SMAJ48(C)A 48 53.3 58.9 1.0 5.0 77.4 5.2 VX JX SMAJ51(C)A 51 56.7 62.7 1.0 5.0 82.4 4.9 VZ JZ SMAJ54(C)A 54 60.0 66.3 1.0 5.0 87.1 4.6 WE RE SMAJ58(C)A 58 64.4 71.2 1.0 5.0 93.6 4.3 WG RG SMAJ60(C)A 60 66.7 73.7 1.0 5.0 96.8 4.1 WK RK SMAJ64(C)A 64 71.1 78.6 1.0 5.0 103 3.9 WM RM SMAJ70(C)A 70 77.8 86.0 1.0 5.0 113 3.5 WP RP SMAJ75(C)A 75 83.3 92.1 1.0 5.0 121 3.3 WR RR SMAJ78(C)A 78 86.7 95.8 1.0 5.0 126 2.2 WT RT SMAJ85(C)A 85 94.4 104 1.0 5.0 137 2.9 WV RV SMAJ90(C)A 90 100 111 1.0 5.0 146 2.7 WX RX SMAJ100(C)A 100 111 123 1.0 5.0 162 2.5 WZ RZ SMAJ110(C)A 110 122 135 1.0 5.0 177 2.3 XE SE SMAJ120(C)A 120 133 147 1.0 5.0 193 2.0 XG SG SMAJ130(C)A 130 144 159 1.0 5.0 209 1.9 XK SK SMAJ150(C)A 150 167 185 1.0 5.0 243 1.6 XM SM SMAJ160(C)A 160 178 197 1.0 5.0 259 1.5 XP SP SMAJ170(C)A 170 189 209 1.0 5.0 275 1.4 XR SR SMAJ200(C)A 200 224 248 1.0 1.0 324 1.2 YT ST Notes: 7. Suffix C denotes Bi-directional device. 8. VBR measured with IT current pulse = 300μs 9. For Bidirectional devices having VRWM of 10V and under, the IR is doubled. |
Numéro de pièce similaire - SMAJ60CA |
|
Description similaire - SMAJ60CA |