Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD502D232H Fiches technique(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No de pièce TD502D232H
Description  DUALHIGH SPEED RS232 ISOLATION TRANSCEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD502D232H Fiches technique(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TD502D232H Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD502D232H Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD502D232H Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx02D232H
2013.03.19-A/0
Page 2 of 3
OTHER CHARACTERISTICS
Operating temperature:-40
°C ~+85°C
Environmental Temperature
Transport and storage temperature: -50
°C ~+105°C
Operating Humidity
10%~90%
The Max. Case Temperature
50
°C (Ta=25°C)
Cooling
Free air convection
Size
DIP12 package 19.9*16.9*7.05(L*W*H) (mm)
Weight
4 g
Application Environment
No dust, fierce vibration, impulsion and corrosive gas
EMC RECOMMENDED CIRCUIT
G ND
VCC
T XD1
L1
RXD1
T RD2
RXD2
RGND
T 1O UT
R1IN
T 2O UT
R2IN
1
2
3
4
5
6
11
10
9
8
7
TVS1
C1
C2
C3
R4
TVS5
R5
TVS6
TVS7
G DT2
R2
TVS2
R3
TVS3
TVS4
GDT1
R1
C4
TX02D232H
(Figure 1)
Recommended external circuit parameters:
Model
TD302D232H
TD502D232H
C1
220uF/10V(Electrolytic capacitor)
TVS1
SMCJ5.0A
SMCJ6.5A
C2,C3
1
μF/25V
L1
130
μH
C4
1000pF/2000V
R1
1M
Ω
TVS2,TVS3
TVS5,TVS6
SMBJ18CA
TVS4,TVS7
SMBJ30CA
R2,R3,R4,R5
10
Ω/2W(Wire-wound resistor)
GDT1,GDT2
B3D090L-C
TYPICAL APPLICATIONS CIRCUIT DIAGRAM
RXD2
1
6
2
7
3
8
4
9
5
VCC
1
6
2
7
3
8
4
9
5
TXD2
RXD1
TXD1
GND
VCC
R2IN
T2OUT
R1IN
T1OUT
RGND
RXD1
TXD1
RXD2
TXD2
MCU
TDx02D232H
7
8
9
10
11
1
2
3
4
5
6


Numéro de pièce similaire - TD502D232H

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
TD502DCAN MORNSUN-TD502DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
More results

Description similaire - TD502D232H

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
TD301D232H MORNSUN-TD301D232H Datasheet
901Kb / 3P
   SINGLE HIGH SPEED RS232 ISOLATION TRANSCEIVER
TD31IP485H MORNSUN-TD31IP485H Datasheet
750Kb / 3P
   DUAL ISOLATION HIGH SPEED H-485 TRANSCEIVER
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD312P485H MORNSUN-TD312P485H Datasheet
493Kb / 3P
   DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
logo
Guangzhou Reicu Electro...
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
   RS232 Isolated transceiver module
REV:15.4
logo
Linear Technology
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
   5V Low Power RS232 Transceiver
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com