Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC290X-EVM Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce DAC290X-EVM
Description  POPULATED EVALUATION BOARD FOR THE DUAL, HIGH-SPEED DAC290x
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC290X-EVM Fiches technique(HTML) 3 Page - Texas Instruments

  DAC290X-EVM Datasheet HTML 1Page - Texas Instruments DAC290X-EVM Datasheet HTML 2Page - Texas Instruments DAC290X-EVM Datasheet HTML 3Page - Texas Instruments DAC290X-EVM Datasheet HTML 4Page - Texas Instruments DAC290X-EVM Datasheet HTML 5Page - Texas Instruments DAC290X-EVM Datasheet HTML 6Page - Texas Instruments DAC290X-EVM Datasheet HTML 7Page - Texas Instruments DAC290X-EVM Datasheet HTML 8Page - Texas Instruments DAC290X-EVM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DAC290x-EVM
SBAU071B
3
J1 PIN #
DESCRIPTION
J1 PIN #
DESCRIPTION
1
Data Bit 13 (MSB)
18
GND
2
GND
19
Data Bit
3
Data Bit 12
20
GND
4
GND
21
Data Bit 3
5
Data Bit 11
22
GND
6
GND
23
Data Bit 2
7
Data Bit 10
24
GND
8
GND
25
Data Bit 1
9
Data Bit 9
26
GND
10
GND
27
Data Bit 0
11
Data Bit 8
28
GND
12
GND
29
Open
13
Data Bit 7
30
GND
14
GND
31
Open
15
Data Bit 6
32
GND
16
GND
33
CLK1
17
Data Bit 5
34
GND
TABLE I. Input Connector J1—Data Port 1.
J2 PIN #
DESCRIPTION
J2 PIN #
DESCRIPTION
1
Data Bit 13 (MSB)
18
GND
2
GND
19
Data Bit 4
3
Data Bit 12
20
GND
4
GND
21
Data Bit 3
5
Data Bit 11
22
GND
6
GND
23
Data Bit 2
7
Data Bit 10
24
GND
8
GND
25
Data Bit 1
9
Data Bit 9
26
GND
10
GND
27
Data Bit 0
11
Data Bit 8
28
GND
12
GND
29
Open
13
Data Bit 7
30
GND
14
GND
31
Open
15
Data Bit 6
32
GND
16
GND
33
CLK2
17
Data Bit 5
34
GND
TABLE II. Input Connector J2—Data Port 2.
VALUE
FOOTPRINT
QTY
PART NUMBER
VENDOR
REF DESIGNATOR
NOT INSTALLED
47
µF, Tantalum, 10%, 10V Cap
7343
2
10TPA47M
SANYO
C30 C36
0.1
µF, 100V, 10% Capacitor
805
3
08055C104JAT2A
AVX
C6 C28 C34
0.1
µF,16V, 10% Capacitor
603
7
ECJ-1VB1C104K
Panasonic
C7 C11 C14 C19 C20 C21 C24
10
µF, 10V, 10% Capacitor
3528
3
GRM42X5R106K10
Murata
C5 C26 C32
0.01
µF, 100V, 5% Capacitor
805
2
12065C103KAT2A
AVX
C29 C35
1.0
µF, 16V, 10% Capacitor
1206
2
1206ZC105KAT2A
AVX
C27 C33
22pF, 50V, 5%, Capacitor
603
0
06035A220JAT2A
AVX
C12 C13 C22 C23
Ferrite Bead
27—037447
2
#27-037447
FairRite
FB1 FB2
24.9
Ω Resistor, 1/16W, 1%
603
2
ERJ-3EKF24R9V
Panasonic
R20 R30
22.1
Ω Resistor, 1/16W, 1%
603
2
ERJ-3EKF22R1V
Panasonic
R14 R31
49.9
Ω Resistor, 1/16W, 1%
603
5
ERJ-3EKF49R9V
Panasonic
R17 R18 R27 R28 R38
R32, R34, R36
2.0K
Ω Resistor, 1/8W, 1%
805
2
CRCW08052001F
Dale
R15 R16
1.0K
Ω Resistor, 1/8W, 1%
805
2
CRCW08051001F
Dale
R5 R9
100
Ω Resistor, 1/4W, 1%
805
2
CRCW08051000F
Dale
R19 R29
0
Ω Resistor, 1/16W, 1%
603
5
ERJ-3EKF0R00V
Panasonic
R22 R23 R24 R25 R26
R21 R33 R35 R37 R43
R44 R45 R46
0
Ω Resistor, 1/10W, 1%
1206
4
ERJ-6ENF0R00V
Panasonic
R10 R11 R12 R13
500
Ω Pot
BOURNS_32X4W
3
3214W-501ECT
Bourns
R7 R40 R41
Transformer
MC_KK81
2
T1-1T-KK8
Mini-Circuits
T1 T2
SMA Connectors
SMA_Jack
4
713-4339 (901-144-8RFX)
ALLIED
J3 J4 J5 J13
J14 J15 J16 J17 J6 J7 J8
Black Test Point
Test_Point
3
5001K
Keystone
TP1 TP2 TP3
3-Pos_Header
3-Pos_Jumper
5
TSW-150-07-L-S
Samtec
W1 W2 W5 W6 W10
2 Circuit Jumpers
NA
0
863-3285
Allied(molex)
34-Pin Header
34-Pin Header
2
TSW-117-07-L-D
Samtec
J1 J2
Red Banana Jacks
BANANA_JACK
2
ST-351A
ALLIED
J9 J11
Black Banana Jacks
BANANA_JACK
2
ST351B
ALLIED
J10 J12
DAC29XX
48-TQFP(PFB)
1
DAC2900/02/04Y
TI
U5
LT1004D-1.2
8-SOP(D)
1
LT1004ID-1-2
TI
U2
22
Ω R-Pack
2NBS16
4
4816P-001-220
Bourns
R1 R2 R3 R4
TLV2462
8-MSOP(DGK)
1
TLV2462CDGK
TI
U4
Stand Off Hex (1/4 x 1 inch)
4-40 Screw
4
219-2063
Allied
TABLE III. DAC290x-EVM Parts List.


Numéro de pièce similaire - DAC290X-EVM

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900-EVM BURR-BROWN-DAC2900-EVM Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1K BURR-BROWN-DAC2900Y/1K Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900Y/1K TI1-DAC2900Y/1K Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC290X-EVM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
UG-018 AD-UG-018 Datasheet
321Kb / 4P
   Evaluation Board for Dual High Speed Differential Amplifiers
REV. A
logo
Silicon Laboratories
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Analog Devices
UG-127 AD-UG-127 Datasheet
452Kb / 8P
   Evaluation Board for High Speed Op Amps
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com