Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC34H84 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce DAC34H84
Description  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34H84 Fiches technique(HTML) 1 Page - Texas Instruments

  DAC34H84_14 Datasheet HTML 1Page - Texas Instruments DAC34H84_14 Datasheet HTML 2Page - Texas Instruments DAC34H84_14 Datasheet HTML 3Page - Texas Instruments DAC34H84_14 Datasheet HTML 4Page - Texas Instruments DAC34H84_14 Datasheet HTML 5Page - Texas Instruments DAC34H84_14 Datasheet HTML 6Page - Texas Instruments DAC34H84_14 Datasheet HTML 7Page - Texas Instruments DAC34H84_14 Datasheet HTML 8Page - Texas Instruments DAC34H84_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
DAC34H84
www.ti.com
SLAS751B
– MARCH 2011 – REVISED SEPTEMBER 2011
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Check for Samples: DAC34H84
1
FEATURES
DESCRIPTION
The DAC34H84 is a very low power, high dynamic
Very Low Power: 1.4 W at 1.25 GSPS
range,
quad-channel,
16-bit
digital-to-analog
Multi-DAC Synchronization
converter (DAC) with a sample rate as high as 1.25
Selectable 2x, 4x, 8x, 16x Interpolation Filter
GSPS.
– Stop-Band Attenuation > 90 dBc
The device includes features that simplify the design
Flexible On-chip Complex Mixing
of complex transmit architectures: 2x to 16x digital
interpolation filters with over 90 dB of stop-band
– Two Independent Fine Mixers with 32-bit
attenuation
simplify
the
data
interface
and
NCOs
reconstruction filters. Independent complex mixers
– Power Saving Coarse Mixers: ± n×Fs/8
allow flexible carrier placement. A high-performance
High Performance, Low Jitter Clock
low jitter clock multiplier simplifies clocking of the
device without significant impact on the dynamic
Multiplying PLL
range. The digital Quadrature Modulator Correction
Digital I and Q Correction
(QMC) enables complete IQ compensation for gain,
– Gain, Phase, Offset, and Group Delay
offset, phase and group delay between channels in
Correction
direct up-conversion applications.
Digital Inverse Sinc Filters
Digital data is input to the device through a 32-bit
32-Bit DDR Flexible LVDS Input Data Bus
wide LVDS data bus with on-chip termination. The
wide
bus
allows
the
processing
of
very
high
– 8 Sample Input FIFO
bandwidth signals. The device includes a FIFO, data
– Supports Data Rates up to 625 MSPS
pattern checker and parity test to ease the input
– Data Pattern Checker
interface.
The
interface
also
allows
full
synchronization of multiple devices.
– Parity Check
Temperature Sensor
The device is characterized for operation over the
entire industrial temperature range of
–40°C to 85°C
Differential Scalable Output: 10mA to 30mA
and is available in a 196-ball, 12x12mm, 0.8mm pitch
196-Ball, 12x12mm BGA (GREEN / Pb-Free)
BGA package.
The DAC34H84 very low power, high bandwidth
APPLICATIONS
support, superior crosstalk, high dynamic range and
Cellular Base Stations
features
are
an
ideal
fit
for
next
generation
Diversity Transmit
communication systems.
Wideband Communications
spacing
spacing
spacing
spacing
spacing
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - DAC34H84_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Description similaire - DAC34H84_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com