Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB20-10B05LT Fiches technique(PDF) 4 Page - MORNSUN Science& Technology Ltd.

No de pièce LB20-10B05LT
Description  AC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB20-10B05LT Fiches technique(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LB20-10B05LT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB20-10B05LT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB20-10B05LT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB20-10B05LT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB20-10B05LT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB20-10B05LT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB20-10B05LT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC/DC Converter
LB(05-25)-10BxxLT Series
2014.06.23-A/0
Page 4 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
-40
-10
50 55
70
100
80
60
40
20
100~240VAC
Note: When input 85~100VAC/240~264VAC it need to be voltage
derated on basis of temperature derating
,
.
Temperature Derating Graph
Input voltage:
Ambient temperature( )
100
240
85
264
20
40
100
60
80
75
Ambient temperature:25℃
Input Voltage VAC
()
Input Voltage Derating Graph
Note: W hen input DC, VDC= 1.414VAC-20.
Others series
LB25-10B series
LB05-10B24LT
LB25-10B24LT
LB15-10B24LT
70
75
80
85
90
95
100
85
120
240
264
Input Voltage(VAC)
Efficiency Vs Input Voltage(Full Load)
LB05-10B24LT
LB25-10B24LT
LB15-10B24LT
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=230VAC)
Design Reference
1. Typical application circuit
AC(L)
+Vo
-Vo
AC(L)
AC(N)
AC(N)
C1 C2
TVS1
LOAD
FUSE
AC/DC
MOV1
Fig. 1: Typical application circuit
Model
C1(uF)
C2(uF)
TVS1
Model
C1(uF)
C2(uF)
TVS1
LB05-10B03LT
1
330
SMBJ7.0A
LB15-10B15LT
1
220
SMBJ20A
LB05-10B05LT
1
330
SMBJ7.0A
LB15-10B24LT
1
68
SMBJ30A
LB05-10B09LT
1
120
SMBJ12A
LB15-10B48LT
1
33
SMBJ64A
LB05-10B12LT
1
120
SMBJ20A
LB20-10B03LT
1
330
SMBJ7.0A
LB05-10B15LT
1
68
SMBJ20A
LB20-10B05LT
1
330
SMBJ7.0A
LB05-10B24LT
1
68
SMBJ30A
LB20-10B09LT
1
220
SMBJ12A
LB10-10B03LT
1
470
SMBJ7.0A
LB20-10B12LT
1
220
SMBJ20A
LB10-10B05LT
1
330
SMBJ7.0A
LB20-10B15LT
1
220
SMBJ20A
LB10-10B09LT
1
120
SMBJ12A
LB20-10B24LT
1
220
SMBJ30A
LB10-10B12LT
1
120
SMBJ20A
LB25-10B03LT
1
330
SMBJ7.0A
LB10-10B15LT
1
120
SMBJ20A
LB25-10B05LT
1
330
SMBJ7.0A
LB10-10B24LT
1
68
SMBJ30A
LB25-10B09LT
1
330
SMBJ12A
LB15-10B03LT
1
680
SMBJ7.0A
LB25-10B12LT
1
330
SMBJ20A
LB15-10B05LT
1
680
SMBJ7.0A
LB25-10B15LT
1
330
SMBJ20A
LB15-10B09LT
1
470
SMBJ12A
LB25-10B24LT
1
120
SMBJ30A
LB15-10B12LT
1
220
SMBJ20A
LB25-10B48LT
1
68
SMBJ64A
Note:
Output filtering capacitor C2 is electrolytic capacitor, it is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitance withstand voltage derating should be 80% or above. C1 is
ceramic capacitor, advice use 1μF.which is used to filter high-frequency noise. TVS is a recommended component to protect post-circuits if converter fails.


Numéro de pièce similaire - LB20-10B05LT

FabricantNo de pièceFiches techniqueDescription
logo
LEM
LB200-S LEM-LB200-S Datasheet
133Kb / 2P
   Current Transducer LB 200-S/SP4
LB200-S/SP4 LEM-LB200-S/SP4 Datasheet
133Kb / 2P
   Current Transducer LB 200-S/SP4
logo
Pepperl+Fuchs Inc.
LB2002AR PF-LB2002AR Datasheet
629Kb / 5P
   Digital Output with Position Feedback
2020-04-30
logo
Seoul Semiconductor
LB200Z SEOUL-LB200Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LB201 SEOUL-LB201 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
More results

Description similaire - LB20-10B05LT

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com