Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCM6208 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCM6208
Description  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 5Page - Texas Instruments CDCM6208 Datasheet HTML 6Page - Texas Instruments CDCM6208 Datasheet HTML 7Page - Texas Instruments CDCM6208 Datasheet HTML 8Page - Texas Instruments CDCM6208 Datasheet HTML 9Page - Texas Instruments CDCM6208 Datasheet HTML 10Page - Texas Instruments CDCM6208 Datasheet HTML 11Page - Texas Instruments CDCM6208 Datasheet HTML 12Page - Texas Instruments CDCM6208 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
CDCM6208
www.ti.com
SCAS931F – MAY 2012 – REVISED APRIL 2014
7.8
Single Ended Input Characteristics (SI_MODE[1:0], SDI/SDA/PIN1, SCL/PIN4,
SDO/ADD0/PIN2, SCS/ADD1/PIN3, STATUS1/PIN0, RESETN/PWR, PDN, SYNCN, REF_SEL)
DVDD = 1.71 V to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0.8 x
VIH
Input High Voltage
V
DVDD
0.2 x
VIL
Input Low Voltage
V
DVDD
DVDD = 3.465V, VIH = 3.465 V (pull-
IIH
Input High Current
30
µA
up resistor excluded)
IIL
Input Low Current
DVDD = 3.465V, VIL= 0 V
-30
µA
PDN, RESETN, SYNCN, REF_SEL
ΔV/ΔT
20% - 80%
0.75
V/ns
Input Edge Rate
PDN, RESETN, SYNCN low pulse
minPulse
10
ns
to trigger proper device reset
C IN
Input Capacitance
2.25
pF
RESETN, PWR, SYNCN, PDN, REF_SEL, SI_MODE[1:0]
R
Input Pullup and Pulldown Resistor
35
50
65
k
Ω
SDA and SCL in I 2 C Mode (SI_MODE[1:0]=01)
DVDD = 1.8 V
0.1 VDVDD
V
VHYS_I2C
Input hysteresis
0.05
DVDD = 2.5/3.3 V
V
VDVDD
IH
High-level input current
VI = DVDD
-5
5
µA
0.2 x
VOL
Output Low Voltage
IOL= 3mA
V
DVDD
CIN
Input Capacitance pin
5
pF
7.9
Single Ended Input Characteristics (PRI_REF, SEC_REF)
VDD_PRI, VDD_SEC = 1.71 V to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD_PRI/SEC = 1.8 V
0.008
200
MHz
Reference and Bypass Input
fIN
Frequency
VDD_PRI/SEC = 3.3 V
0.008
250
MHz
0.8 x
VIH
Input High Voltage
VDD_PRI/
V
VDD_SEC
0.2 x
VIL
Input Low Voltage
VDD_PRI/
V
VDD_SEC
VHYST
Input hysteresis
20
65
150
mV
VDD_PRI/VDD_SEC = 3.465 V, VIH
IIH
Input High Current
30
µA
= 3.465 V
VDD_PRI/VDD_SEC = 3.465 V, VIL
IIL
Input Low Current
-30
µA
= 0 V
ΔV/ΔT
Reference Input Edge Rate
20% - 80%
0.75
V/ns
f PRI ≤ 200MHz
40%
60%
IDC SE
Reference Input Duty Cycle
200
≤ fPRI ≤ 250 MHz
43%
60%
C IN
Input Capacitance
2.25
pF
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CDCM6208


Numéro de pièce similaire - CDCM6208

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208 TI1-CDCM6208 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results

Description similaire - CDCM6208

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com