Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC101C021 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce ADC101C021
Description  I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101C021 Fiches technique(HTML) 1 Page - Texas Instruments

  ADC101C021_14 Datasheet HTML 1Page - Texas Instruments ADC101C021_14 Datasheet HTML 2Page - Texas Instruments ADC101C021_14 Datasheet HTML 3Page - Texas Instruments ADC101C021_14 Datasheet HTML 4Page - Texas Instruments ADC101C021_14 Datasheet HTML 5Page - Texas Instruments ADC101C021_14 Datasheet HTML 6Page - Texas Instruments ADC101C021_14 Datasheet HTML 7Page - Texas Instruments ADC101C021_14 Datasheet HTML 8Page - Texas Instruments ADC101C021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
ADC101C021, ADC101C027
www.ti.com
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
ADC101C021/ADC101C027 I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with
Alert Function
Check for Samples: ADC101C021, ADC101C027
1
FEATURES
DESCRIPTION
The ADC101C021 is a low-power, monolithic, 10-bit,
23
I2C-Compatible 2-wire Interface which
analog-to-digital converter (ADC) that operates from a
supports standard (100kHz), fast (400kHz), and
+2.7 to 5.5V supply. The converter is based on a
high speed (3.4MHz) modes
successive approximation register architecture with
Extended power supply range (+2.7V to +5.5V)
an internal track-and-hold circuit that can handle input
frequencies
up
to
11MHz.
The
ADC101C021
Up to nine pin-selectable chip addresses
operates from a single supply which also serves as
(VSSOP-8 only)
the reference. The device features an I2C-compatible
Out-of-range Alert Function
serial interface that operates in all three speed
Automatic Power-down mode while not
modes, including high speed mode (3.4MHz).
converting
The ADC's Alert feature provides an interrupt that is
Very small SOT-6 and VSSOP-8 packages
activated
when
the
analog
input
violates
a
±8kV HBM ESD protection (SDA, SCL)
programmable upper or lower limit value. The device
features an automatic conversion mode, which frees
up the controller and I2C interface. In this mode, the
APPLICATIONS
ADC continuously monitors the analog input for an
System Monitoring
"out-of-range" condition and provides an interrupt if
Peak Detection
the measured voltage goes out-of-range.
Portable Instruments
The ADC101C021 comes in two packages: a small
Medical Instruments
SOT-6 package with an alert output, and an VSSOP-
8 package with an alert output and two address
Test Equipment
selection inputs. The ADC101C027 comes in a small
SOT-6 package with an address selection input. The
KEY SPECIFICATIONS
ADC101C027
provides
three
pin-selectable
Resolution 10 bits; no missing codes
addresses
while
the
VSSOP-8
version
of
the
ADC101C021
provides
nine
pin-selectable
Conversion Time 1µs (typ)
addresses. Pin-compatible alternatives to the SOT-6
INL & DNL ±0.5 LSB (max)
options are available with additional address options.
Throughput Rate 188.9 kSPS (max)
Normal power consumption using a +3V or +5V
Power Consumption (at 22kSPS)
supply is 0.26mW or 0.78mW, respectively. The
3V Supply 0.26 mW (typ)
automatic power-down feature reduces the power
consumption to less than 1µW while not converting.
5V Supply 0.78 mW (typ)
Operation over the industrial temperature range of
−40°C to +105°C is guaranteed. Their low power
consumption and small packages make this family of
ADCs an excellent choice for use in battery operated
equipment.
The ADC101C021 and ADC101C027 are part of a
family of pin-compatible ADCs that also provide 12
and 8 bit resolution. For 12-bit ADCs see the
ADC121C021 and ADC121C027. For 8-bit ADCs see
the ADC081C021 and ADC081C027.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a registered trademark of Phillips Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC101C021_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
More results

Description similaire - ADC101C021_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
[Old version datasheet]   DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
logo
Microchip Technology
PIC16F18345 MICROCHIP-PIC16F18345 Datasheet
1Mb / 2P
   17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com