Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E0512S-1WR Fiches technique(PDF) 3 Page - MORNSUN Science& Technology Ltd.

No de pièce E0512S-1WR
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0512S-1WR Fiches technique(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  E0512S-1WR Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0512S-1WR Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0512S-1WR Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
E_S-1WR & F_S-1WR
B/0-2012
Page 3 of 3
OUTLINE DIMENSIONS & pIN CONNECTIONS
Note: grid 2.54*2.54mm.
Note
Unit mm[inch]
General tolerances
0.50mm[
0.020inch]
:
:
:±±
L=530mm[20.866inch] Devices per tube quantity: 25pcs
L=220mm[8.661inch]
Devices per tube quantity: 10pcs
Short tube inner package dimensions: 255*170*80mm
Short tube outer package dimensions
(with six inner package box): 375*280*270mm
Long tube inner package dimensions:
580*200*100mm
Long tube outer package dimensions
(with two inner package box): 600*215*220mm
Long tube outer package dimensions
(with three inner package box):600*215*325mm
11.70[0.461]
5.00 [0.197]
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT
1
7
2
Vin
GND
0V
6
+Vo
Dual
5
-Vo
Vin
GND
No Pin
+Vo
Single
0V
PIN
F OOTP RINT DETAI LS
(Bottom View)
(Front View)
Note
Unit mm[inch]
Pin section tolerances
0.10mm[
0.004inch
General tolerances
0.25mm[
0.010inch ]
:
:
]
:
±
±±
8.30[0.327]
17.50[0.689]
19.50±0.50
[0.768]
±0.020
10.16
[0.400]
0.6±0.10
±0.004
[0.024]
15.24
[0.600]
MECHANICAL DIMENSIONS
(Side View)
6
1
2
5
7
1
2
7
5
6
10.16
[0.400]
∅1.00
[0.040]
15.24
[0.600]
2.13
[0.084]
2.13
[0.084]
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the life
of product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate standards.
4. Only typical models listed, other models may be different, please contact our technical person for more details.


Numéro de pièce similaire - E0512S-1WR

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
E0512S-1WR2 MORNSUN-E0512S-1WR2 Datasheet
603Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
E0512S-1WR2 MORNSUN-E0512S-1WR2 Datasheet
1Mb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
E0512S-1WR2 REICU-E0512S-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E0512S-1WR3 MORNSUN-E0512S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
More results

Description similaire - E0512S-1WR

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com