Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF1N105K3 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STF1N105K3
Description  N-channel 1050 V, 8 廓 typ., 1.4 A SuperMESH3??Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF1N105K3 Fiches technique(HTML) 4 Page - STMicroelectronics

  STF1N105K3 Datasheet HTML 1Page - STMicroelectronics STF1N105K3 Datasheet HTML 2Page - STMicroelectronics STF1N105K3 Datasheet HTML 3Page - STMicroelectronics STF1N105K3 Datasheet HTML 4Page - STMicroelectronics STF1N105K3 Datasheet HTML 5Page - STMicroelectronics STF1N105K3 Datasheet HTML 6Page - STMicroelectronics STF1N105K3 Datasheet HTML 7Page - STMicroelectronics STF1N105K3 Datasheet HTML 8Page - STMicroelectronics STF1N105K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STF1N105K3, STFW1N105K3, STP1N105K3
4/18
Doc ID 023509 Rev 2
2
Electrical characteristics
(T
CASE
= 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source breakdown
voltage
I
D
= 1 mA, V
GS
= 0
1050
V
I
DSS
Zero gate voltage drain
current (V
GS
= 0)
V
DS
= 1050 V,
V
DS
= 1050 V, Tc=125 °C
1
50
μA
μA
I
GSS
Gate body leakage current
(V
DS
= 0)
V
GS
= ± 20 V
±50
μA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 50 μA2
3
4.5
V
R
DS(on)
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 0.6 A
8
11
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
=100 V, f=1 MHz, V
GS
=0
-
180
-
pF
C
oss
Output capacitance
15
pF
C
rss
Reverse transfer
capacitance
1pF
C
o(tr)
(1)
1.
Time related is defined as a constant equivalent capacitance giving the same charging time as C
oss
when
V
DS
increases from 0 to 80% V
DSS
Equivalent capacitance time
related
V
GS
= 0, V
DS
= 0 to 840 V
-11
-
pF
C
o(er)
(2)
2.
Energy related is defined as a constant equivalent capacitance giving the same stored energy as C
oss
when V
DS
increases from 0 to 80% V
DSS
Equivalent capacitance
energy related
-7
-
pF
R
G
Intrinsic gate resistance
f = 1 MHz open drain
-
18
-
Ω
Q
g
Q
gs
Q
gd
Total gate charge
Gate-source charge
Gate-drain charge
V
DD
= 840 V, I
D
= 1.2 A
V
GS
=10 V
(see Figure 18)
-
13
1.6
8
-
nC
nC
nC


Numéro de pièce similaire - STF1N105K3

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
STF1006 SUPERWORLD-STF1006 Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006102YZF SUPERWORLD-STF1006102YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006121YZF SUPERWORLD-STF1006121YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006202YZF SUPERWORLD-STF1006202YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006251YZF SUPERWORLD-STF1006251YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
More results

Description similaire - STF1N105K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com