Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2358 Fiches technique(PDF) 3 Page - NEC

No de pièce 2SK2358
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK2358 Fiches technique(HTML) 3 Page - NEC

  2SK2358 Datasheet HTML 1Page - NEC 2SK2358 Datasheet HTML 2Page - NEC 2SK2358 Datasheet HTML 3Page - NEC 2SK2358 Datasheet HTML 4Page - NEC 2SK2358 Datasheet HTML 5Page - NEC 2SK2358 Datasheet HTML 6Page - NEC 2SK2358 Datasheet HTML 7Page - NEC 2SK2358 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2357/2SK2358
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
40
60
100
120
140
160
20
40
60
80
100
Tc - Case Temperature - °C
020
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
40
60
80
100
120
140
160
Tc - Case Temperature - °C
0
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
4
8
12
16
VDS - Drain to Source Voltage - V
10
8
6
2
FORWARD BIAS SAFE OPERATING AREA
100
10
0.1
10
100
1000
VDS - Drain to Source Voltage - V
0.1
1.0
Power
Dissipation
Limited
10
ms
R
DS
(on)
Limited
(at
V
GS
=
10
V)
ID (DC)
ID (pulse)
100
s
Tc = 25 °C
Single Pulse
PW
=
10
s
Pulsed
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
0
VGS - Gate to Source Voltage - V
Ta = –25 °C
25 °C
75 °C
Pulsed
10
50
0.05
0.1
50
40
30
20
10
125 °C
1
510
15
80
100
ms
1 ms
4
6 V
8 V
10 V
VGS = 20 V


Numéro de pièce similaire - 2SK2358

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2350 TOSHIBA-2SK2350 Datasheet
286Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
logo
Inchange Semiconductor ...
2SK2350 ISC-2SK2350 Datasheet
60Kb / 2P
   Fast Switching Speed
logo
Toshiba Semiconductor
2SK2350 TOSHIBA-2SK2350 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2350 TOSHIBA-2SK2350_06 Datasheet
730Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK2350 TOSHIBA-2SK2350_09 Datasheet
426Kb / 6P
   Switching Regulator, DC−DC Converter and Motor Drive
More results

Description similaire - 2SK2358

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com