Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD254 Fiches technique(PDF) 5 Page - RFHIC

No de pièce AD254
Description  Multi Tuner Set-Top Boxes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFHIC [RFHIC]
Site Internet  http://www.rfhic.com
Logo RFHIC - RFHIC

AD254 Fiches technique(HTML) 5 Page - RFHIC

  AD254 Datasheet HTML 1Page - RFHIC AD254 Datasheet HTML 2Page - RFHIC AD254 Datasheet HTML 3Page - RFHIC AD254 Datasheet HTML 4Page - RFHIC AD254 Datasheet HTML 5Page - RFHIC AD254 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
E-pHEMT MMIC
AD254
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 6
Version 1.3
Package Dimensions (Type: QFN3x3)
* Unit: mm[inch] | Tolerance: ±0.2[.008]
Top View
Side View
Bottom View
Pin Description
Pin No
Function
Pin No
Function
Pin No
Function
Pin No
Function
1
NC
5
Bias/Port1
9
Output-1
13
NC
2
GND
6
NC
10
GND
14
NC
3
GND
7
Port2
11
GND
15
NC
4
Input
8
NC
12
Output-2
16
NC
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.


Numéro de pièce similaire - AD254

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
AD25 COOPER-AD25 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Guangzhou Reicu Electro...
AD25 REICU-AD25 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD25-D05 REICU-AD25-D05 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD25-D05-05 REICU-AD25-D05-05 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
AD25-D05-12 REICU-AD25-D05-12 Datasheet
630Kb / 1P
   AC/DC CONVERTER
REV:15.1
More results

Description similaire - AD254

FabricantNo de pièceFiches techniqueDescription
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
   Multi Tuner Set-Top Boxes
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
   Multi Tuner Set-Top Boxes
logo
ITT Industries
CCM01-MKI ITT-CCM01-MKI Datasheet
72Kb / 1P
   Set-Top Boxes Electronic Fund Transfer
logo
FSP TECHNOLOGY INC.
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
   IPC systems, Set top boxes, Modems
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
ANADIGICS, Inc
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
logo
Skyworks Solutions Inc.
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com