Moteur de recherche de fiches techniques de composants électroniques |
|
AD221-00 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
AD221-00 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 12 page Appendix - 138 - www.nve.com phone: 952-829-9217 fax: 952-829-9189 Some of NVE’s products are delivered in packages that are too small to be marked with the complete part number. In these cases a three-letter code is used to identify the part. The following table provides a cross-reference from part number to marking code: NVE Part Number Code NVE Part Number Code AA004-00 CBD AD323-00 GBD AA006-00 CBC AD324-00 GBF AAH004-00 CBF AD404-00 HBH AAV001-11 BBP AD405-00 HBG AAV002-11 BBQ AD406-00 HBJ AB001-00 CBG AD420-00 HBK ABH001-00 CBH AD421-00 HBB ABL004-00 FDB AD422-00 HBC ABL005-00 FDC AD423-00 HBD ABL006-00 FDL AD424-00 HBF ABL014-00 FDD AD504-00 JBH ABL015-00 FDF AD505-00 JBG ABL016-00 FDM AD506-00 JBJ ABL004-10 FDG AD520-00 JBK ABL005-10 FDH AD521-00 JBB ABL006-10 FDN AD522-00 JBC ABL014-10 FDJ AD523-00 JBD ABL015-10 FDK AD524-00 JBF ABL016-10 FDP AD604-00 KBH AD004-00 BBH AD605-00 KBG AD005-00 BBG AD606-00 KBJ AD006-00 BBJ AD620-00 KBK AD020-00 BBK AD621-00 KBB AD021-00 BBB AD622-00 KBC AD022-00 BBC AD623-00 KBD AD023-00 BBD AD624-00 KBF AD024-00 BBF AD704-00 LBH AD024-10 BBL AD705-00 LBG AD104-00 DBH AD706-00 LBJ AD105-00 DBG AD720-00 LBK AD106-00 DBJ AD721-00 LBB AD120-00 DBK AD722-00 LBC AD121-00 DBB AD723-00 LBD AD122-00 DBC AD724-00 LBF AD123-00 DBD AD081-00 BDB AD124-00 DBF AD082-00 BDC AD204-00 FBH AD083-00 BDD AD205-00 FBG AD084-00 BDF AD206-00 FBJ AD821-00 MBB AD220-00 FBK AD822-00 MBC AD221-00 FBB AD823-00 MBD AD222-00 FBC AD824-00 MBF AD223-00 FBD AD921-00 NBB AD224-00 FBF AD922-00 NBC AD304-00 GBH AD923-00 NBD AD305-00 GBG AD924-00 NBF AD306-00 GBJ ADH025-00 MBL AD320-00 GBK BD012-00 ZBF AD321-00 GBB DB001-00 FFD AD322-00 GBC DC001-10 FFB DC002-10 FFC |
Numéro de pièce similaire - AD221-00 |
|
Description similaire - AD221-00 |