Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD006-00 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce AD006-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AD006-00 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  AD006-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Appendix
- 133 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
ackage Drawing – PLLP6 3.0 mm x 3.0 mm
P
3.10 (0.122)
3.00 (0.118)
0.98 (0.038)
0.93 (0.036)
0.45 (0.018)
0.35 (0.014)
1.55 (0.061)
1.45 (0.057)
2.30 (0.091)
2.20 (0.087)
0.45 (0.018)
0.40 (0.016)
0.12 (0.005)
0.02 (0.001)
1.00 (0.039)
0.85 (0.033)
0.05 (0.002)
0.00 (0.000)
Note: The PLLP6 package has thermal power dissipation of 320°C/Watt in free air. Attaching the package to
ote on Lead-Free Packages
orking to provide lead-free products in response to concerns about
ure tin (Sn) have already been qualified at NVE and are available in most
have higher melting
onent of NVE’s commitment to take an active part in
a circuit board improves thermal performance. Dimensions are in mm (inches).
N
The electronics industry has been w
the environmental impact of the use of lead (Pb) in solder finishes. Increasing customer demand and
directives to decrease the amounts of lead in consumer electronics products from governments around
the globe, drives this effort.
Lead-free finishes utilizing p
of our products. However, additional lead times are associated with these parts.
Since most lead-free solders being used in board assembly environments
temperatures than traditional tin-lead solders, higher reflow temperatures may be necessary to form an
equivalent solder joint between the component and the PC board. NVE characterizes all lead-free
packages using elevated temperature (245°C to 260°C) reflow profiles characteristic of lead-free board
assembly environments. All lead-free products will be identified with an “E” suffix on the part number
and a lower case “e” marking on the package.
This lead-free transition is an important comp
protecting the environment and our responsibility to our customers and the communities around the
world in which we do business. We remain dedicated to meeting our customers’ requirements and
expectations.


Numéro de pièce similaire - AD006-00

FabricantNo de pièceFiches techniqueDescription
logo
RHOPOINT COMPONENTS
AD006-00 RHOPOINT-AD006-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
More results

Description similaire - AD006-00

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com