Moteur de recherche de fiches techniques de composants électroniques |
|
FM4007-W Fiches technique(PDF) 2 Page - Rectron Semiconductor |
|
FM4007-W Fiches technique(HTML) 2 Page - Rectron Semiconductor |
2 / 7 page PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) INSTANTANEOUS FORWARD VOLTAGE, (V) Lead Temperature (OC) 0 0.01 1.0 0.1 10 100 1000 0 0.5 1.0 1.5 2.0 20 40 60 80 100 120 140 175 125 150 50 25 75 100 0 0 0.5 1.0 2.5 3.5 4.0 4.5 2.0 0.1 1.0 10 20 1.5 3.0 5.0 RATING AND CHARACTERISTICS CURVES ( FM4001W THRU FM4007W ) FIG.3 TYPICAL INSTANTANEOUS FORWARD FIG.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS CHARACTERISTICS FIG.1 TYPICAL FORWARD CURRENT FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE DERATING CURVE FIG.2 TYPICAL REVERSE FIG.2 TYPICAL REVERSE CHARACTERISTICS CHARACTERISTICS REVERSE VOLTAGE, (V) 0.1 1 8 6 4 2 10 20 40 40 0.4 1.0 4 10 80 FIG.4 TYPICAL JUNCTION CAPACITANCE FIG.4 TYPICAL JUNCTION CAPACITANCE NUMBER OF CYCLES AT 60Hz 1 10 0 15 25 30 20 2 4 6 8 10 20 40 80 100 FIG.5 MAXIMUM NON-REPETITIVE FORWARD FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT SURGE CURRENT Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length TJ = 25 OC Pulse width=300 S 1% Duty Cycle TJ = 25 OC 8.3mS Single Half Sine-Wave JEDEC Method TA = 25 OC TA = 75 OC TA = 100 OC |
Numéro de pièce similaire - FM4007-W |
|
Description similaire - FM4007-W |