Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN1217MTDX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FIN1217MTDX
Description  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1217MTDX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN1217MTDX Datasheet HTML 3Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 10Page - Fairchild Semiconductor FIN1217MTDX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
7
Transmitter DC Electrical Characteristics
Typical values are at TA=25°C and with VCC=3.3V; minimum and maximum are at over supply voltages and operating
temperatures ranges, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Transmitter LVTTL Input Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VIK
Input Clamp Voltage
IIK=-18mA
-0.79
-1.50
V
IIN
Input Current
VIN=0.4V to 4.6V
1.8
10.0
μA
VIN=GND
-10.0
0
Transmitter LVDS Output Characteristics
(7)
VOD
Output Differential Voltage
RL=100Ω, Figure 4
250
450
mV
ΔV
OD
VOD Magnitude Change from
Differential LOW-to-HIGH
35
mV
VOS
Offset Voltage
1.125
1.250
1.375
V
ΔV
OS
Offset Magnitude Change from
Differential LOW-to-HIGH
25
mV
IOS
Short-Circuit Output Current
VOUT=0V
-3.5
-5.0
mA
IOZ
Disabled Output Leakage Current
DO=0V to 4.6V,
/PwrDn=0V
±1.0
±10.0
μA
Transmitter Supply Current
ICCWT
21:3 Transmitter Power Supply Current
for Worst-Case Pattern with Load
(8, 9)
RL=100Ω,
Figure 7
33MHz
28.0
46.2
mA
40MHz
29.0
51.7
65MHz
34.0
57.2
85MHz
(10)
39.0
62.7
ICCPDT
Powered-Down Supply Current
/PwrDn=0.8V
10.0
55.0
μA
Notes:
7.
Positive current values refer to the current flowing into device and negative values means current flowing out of
pins. Voltages are referenced to ground unless otherwise specified (except
ΔV
OD and VOD).
8.
The power supply current for both transmitter and receiver can be different with the number of active I/O
channels.
9.
The 16-grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test
pattern approximates signal switching needed to produce groups of 16 vertical strips across the display.
10. FIN1217 only.


Numéro de pièce similaire - FIN1217MTDX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FIN1217MTDX ONSEMI-FIN1217MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

Description similaire - FIN1217MTDX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com