Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G098PU1600M Fiches technique(PDF) 1 Page - Roithner LaserTechnik GmbH

No de pièce G098PU1600M
Description  High Power Fiber Coupled Infrared Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G098PU1600M Fiches technique(HTML) 1 Page - Roithner LaserTechnik GmbH

  G098PU1600M Datasheet HTML 1Page - Roithner LaserTechnik GmbH G098PU1600M Datasheet HTML 2Page - Roithner LaserTechnik GmbH G098PU1600M Datasheet HTML 3Page - Roithner LaserTechnik GmbH G098PU1600M Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G098PU1600M
TECHNICAL DATA
High Power Fiber Coupled Infrared Laser Diode
Specifications (25°C)
Type
G081PU1600M
Unit
Optical Specification
CW Output Power from Fiber PF
600
mW
Center Wavelength Δ
C
980
nm
Wavelength Tolerance
980 ±10
nm
Spectral Width Δλ
< 4
nm
Wavelength Temperature Coefficient
0.3
nm/°C
Fiber Characteristics
Fiber Core Size
50
µm
N.A.
0.22
Fiber Length
1
m
Connector
FC/ST/SMA-905
Electrical Specification
Slope Efficiency ES
> 0.6
W/A
Threshold Current Ith
250
mA
Operation Current IO
1250
mA
Operation Voltage Vf
< 2
V
Series Resistance Rd
< 0.2
Ω
Package Style
P1-Package
Absolute Maximum Ratings
Reverse Voltage Vr
2
V
Operating Temperature TO
-10 … 45
°C
Storage Temperature Tstg
-40 … 85
°C
Features
• CW Output Power: 600 mW
• Typical 980 nm Emission Wavelength
• High Reliability
• High Efficiency
Applications
• Medical Usage
• Heating
• Material Processing
• Marking


Numéro de pièce similaire - G098PU1600M

FabricantNo de pièceFiches techniqueDescription
logo
Roithner LaserTechnik G...
G098PU1600M ROITHNER-G098PU1600M Datasheet
832Kb / 10P
   Laser Diode Module
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
More results

Description similaire - G098PU1600M

FabricantNo de pièceFiches techniqueDescription
logo
Roithner LaserTechnik G...
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU1750M ROITHNER-G098PU1750M Datasheet
240Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU312W ROITHNER-G098PU312W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU25W ROITHNER-G081PU25W Datasheet
203Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
GO81PU11500M ROITHNER-GO81PU11500M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU11500M ROITHNER-G081PU11500M Datasheet
236Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU314W ROITHNER-G081PU314W Datasheet
209Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com