Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2690 Fiches technique(PDF) 2 Page - Fuji Electric

No de pièce 2SK2690
Description  N-channel MOS-FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2690 Fiches technique(HTML) 2 Page - Fuji Electric

  2SK2690 Datasheet HTML 1Page - Fuji Electric 2SK2690 Datasheet HTML 2Page - Fuji Electric 2SK2690 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-channel MOS-FET
2SK2690-01
60V
0,01Ω 80A 125W
FAP-IIIB Series
> Characteristics
Typical Output Characteristics
Drain-Source On-State Resistance vs. Tch
Typical Transfer Characteristics
ID=f(VDS); 80µs pulse test; TC=25°C
RDS(on) = f(Tch); ID=40A; VGS=10V
ID=f(VGS); 80µs pulse test; VDS=25V; Tch=25°C
1
2
3
VDS [V]
Tch [°C]
VGS [V]
Typical Drain-Source On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(on)=f(ID); 80µs pulse test; TC=25°C
gfs=f(ID); 80µs pulse test; VDS=25V; Tch=25°C
VGS(th)=f(Tch); ID=1mA; VDS=VGS
4
5
6
ID [A]
ID [A]
Tch [°C]
Typical Capacitances vs. VDS
Typical Gate Charge Characteristic
Forward Characteristics of Reverse Diode
C=f(VDS); VGS=0V; f=1MHz
VGS=f(Qg); ID=80A; TC=25°C
IF=f(VSD); 80µs pulse test; Tch=25°C
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Maximum Avalanche Energy vs. starting Tch
Safe Operation Area
EAV=f(starting Tch): VCC=24V; IAV
≤ 80A
ID=f(VDS): D=0,01, Tc=25°C
Transient Thermal impedance
10
12
Zthch=f(t) parameter:D=t/T
starting Tch [°C]
VDS [V]
t [s]
This specification is subject to change without notice!


Numéro de pièce similaire - 2SK2690

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
2SK2690-01 FUJI-2SK2690-01 Datasheet
232Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK2690-01 FUJI-2SK2690-01_05 Datasheet
232Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Description similaire - 2SK2690

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com