Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAV35VB821J Fiches technique(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce LAV35VB821J
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LAV35VB821J Fiches technique(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  LAV35VB821J Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LAV35VB821J Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
310
アイテム一覧 PART NUMBERS
LAV35VBR22M
0.22
170.0
0.09
1000.0
LAV35VBR27M
0.27
160.0
0.10
980.0
LAV35VBR33M
0.33
140.0
0.11
960.0
LAV35VBR39M
0.39
M
20L
130.0
0.12
940.0
LAV35VBR47M
0.47
120.0
0.13
910.0
25.2
LAV35VBR56M
0.56
110.0
0.14
880.0
LAV35VBR68M
0.68
100.0
0.15
850.0
LAV35VBR82M
0.82
90.0
0.16
820.0
LAV35VB1R0K
1.0
82.0
0.17
790.0
LAV35VB1R2K
1.2
70.0
0.18
760.0
LAV35VB1R5K
1.5
65.0
0.20
730.0
LAV35VB1R8K
1.8
57.0
0.22
700.0
LAV35VB2R2K
2.2
47.0
0.24
670.0
LAV35VB2R7K
2.7
40.0
0.26
640.0
LAV35VB3R3K
3.3
35.0
0.28
610.0
LAV35VB3R9K
3.9
33.0
0.30
580.0
7.96
LAV35VB4R7K
4.7
31.0
0.33
560.0
LAV35VB5R6K
5.6
27.0
0.36
540.0
LAV35VB6R8K
6.8
24.0
0.39
520.0
LAV35VB8R2K
8.2
M
10L
22.0
0.42
490.0
LAV35VB100K
10.0
21.0
0.45
460.0
LAV35VB120K
12.0
18.0
1.2
350.0
LAV35VB150K
15.0
50.0
16.0
1.3
330.0
LAV35VB180K
18.0
14.0
1.4
300.0
LAV35VB220K
22.0
13.0
1.5
270.0
LAV35VB270K
27.0
12.0
1.6
250.0
LAV35VB330K
33.0
11.0
1.8
235.0
2.52
LAV35VB390K
39.0
10.0
2.0
220.0
LAV35VB470K
47.0
9.5
2.2
200.0
LAV35VB560K
56.0
9.0
2.4
190.0
LAV35VB680K
68.0
8.5
2.8
170.0
LAV35VB820K
82.0
8.0
3.0
155.0
LAV35VB101J
100.0
7.5
3.3
150.0
LAV35VB121J
120.0
6.8
4.2
140.0
LAV35VB151J
150.0
6.2
5.0
130.0
LAV35VB181J
180.0
5.6
6.0
125.0
LAV35VB221J
220.0
5.0
7.5
120.0
LAV35VB271J
270.0
4.6
11
105.0
LAV35VB331J
330.0
M
5L
4.2
13
95.0
LAV35VB391J
390.0
3.8
15
90.0
0.796
LAV35VB471J
470.0
3.4
17
80.0
LAV35VB561J
560.0
3.0
19
75.0
LAV35VB681J
680.0
2.6
22
68.0
LAV35VB821J
820.0
2.2
25
60.0
LAV35VB102J
1000.0
2.0
28
55.0
LAV35
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
mAi
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance
[%]


Numéro de pièce similaire - LAV35VB821J

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LAVH9F OSRAM-LAVH9F Datasheet
363Kb / 21P
   SMT package, standard SMT footprint 0402, colorless diffused resin
logo
Mini-Circuits
LAVI-10VH MINI-LAVI-10VH Datasheet
267Kb / 3P
   Frequency Mixer
LAVI-10VH++ MINI-LAVI-10VH+ Datasheet
267Kb / 3P
   Frequency Mixer
LAVI-10VH++ MINI-LAVI-10VH+ Datasheet
262Kb / 1P
   FREQUENCY MIXERS
LAVI-17VH MINI-LAVI-17VH Datasheet
277Kb / 3P
   Frequency Mixer
More results

Description similaire - LAV35VB821J

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com