Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC00 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce 74AHC00
Description  QUADRUPLE 2-INPUT NAND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC00 Fiches technique(HTML) 2 Page - Diodes Incorporated

  74AHC00 Datasheet HTML 1Page - Diodes Incorporated 74AHC00 Datasheet HTML 2Page - Diodes Incorporated 74AHC00 Datasheet HTML 3Page - Diodes Incorporated 74AHC00 Datasheet HTML 4Page - Diodes Incorporated 74AHC00 Datasheet HTML 5Page - Diodes Incorporated 74AHC00 Datasheet HTML 6Page - Diodes Incorporated 74AHC00 Datasheet HTML 7Page - Diodes Incorporated 74AHC00 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AHC00
Document number: DS35338 Rev. 3 - 2
2 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC00
Pin Descriptions
Pin
Number
Pin Name
Function
1
1A
Data Input
2
1B
Data Input
3
1Y
Data Output
4
2A
Data Input
5
2B
Data Input
6
2Y
Data Output
7
GND
Ground
8
3Y
Data Output
9
3A
Data Input
10
3B
Data Input
11
4Y
Data Output
12
4A
Data Input
13
4B
Data Input
14
VCC
Supply Voltage
Function Table
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
Logic Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V
-20
mA
IOK
Output Clamp Current VO < -0.5V
-20
mA
IOK
Output Clamp Current
VO > VCC +0.5V
25
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
+/- 25
mA
ICC
Continuous Current Through VCC
75
mA
IGND
Continuous Current Through GND
-75
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values. VCC to the extent the maximum clamp current is exceeded.


Numéro de pièce similaire - 74AHC00

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74AHC00 NXP-74AHC00 Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74AHC00 NEXPERIA-74AHC00 Datasheet
227Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 26 May 2020
74AHC00-Q100 NEXPERIA-74AHC00-Q100 Datasheet
704Kb / 15P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74AHC00BQ NXP-74AHC00BQ Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
More results

Description similaire - 74AHC00

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com